Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20EW-2412SZ Datasheet(PDF) 5 Page - AIMTEC

Part # AM20EW-2412SZ
Description  20 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20EW-2412SZ Datasheet(HTML) 5 Page - AIMTEC

  AM20EW-2412SZ Datasheet HTML 1Page - AIMTEC AM20EW-2412SZ Datasheet HTML 2Page - AIMTEC AM20EW-2412SZ Datasheet HTML 3Page - AIMTEC AM20EW-2412SZ Datasheet HTML 4Page - AIMTEC AM20EW-2412SZ Datasheet HTML 5Page - AIMTEC AM20EW-2412SZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Series AM20EW-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.I
5 of 6
North America only
Derating
0
20
60
40
80
100
80
60
40
20
0
65 ºC
Safe Operating Area
65
Free Air Convection
Ambient Temperature º C
100
-40
85
-25
72
ºC
72
Heatsink
Extended temperature performance can be achieved with optional heat sink. (add suffix “–K” to part number)
Recommended external circuit to meet the required conducted emissions
These components should be mounted as close as possible to the converter module and length of the leads should be kept
shorter to decrease radiated noise.
Location
Type
Value
C1
1210
2.2µF/100V
C2
1210
2.2µF/100V
L
12µH


Similar Part No. - AM20EW-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20EW-2412SZ AIMTEC-AM20EW-2412SZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20EW-2412SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com