Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20E-2415SZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM20E-2415SZ
Description  20 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20E-2415SZ Datasheet(HTML) 1 Page - AIMTEC

  AM20E-2415SZ Datasheet HTML 1Page - AIMTEC AM20E-2415SZ Datasheet HTML 2Page - AIMTEC AM20E-2415SZ Datasheet HTML 3Page - AIMTEC AM20E-2415SZ Datasheet HTML 4Page - AIMTEC AM20E-2415SZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AM20E-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.F
1 of 5
North America only
FEATURES:
 Wide 2:1 Input Range
Efficiency up to 93%
 1600 VDC I/O Isolation
Temperature Range -40ºC to +85ºC
 Adjustable Output Voltage
Remote On/Off Function
 Soft Start
Continuous Short Circuit Protection
 Over Current & Over Voltage Protection
No Minimum Load Required
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
Capacitive Load
(µF)
Efficiency
(%)
AM20E-1203SZ
9-18
3.3
5.5
10000
90
AM20E-1205SZ
9-18
5
4
6800
92
AM20E-1212SZ
9-18
12
1.67
1000
90
AM20E-1215SZ
9-18
15
1.33
680
90
AM20E-2403SZ
18-36
3.3
5.5
10000
91
AM20E-2405SZ
18-36
5
4
6800
93
AM20E-2412SZ
18-36
12
1.67
1000
91
AM20E-2415SZ
18-36
15
1.33
680
91
AM20E-4803SZ
36-75
3.3
5.5
10000
91
AM20E-4805SZ
36-75
5
4
6800
93
AM20E-4812SZ
36-75
12
1.67
1000
91
AM20E-4815SZ
36-75
15
1.33
680
91
Add suffix “-K” for optional heat sink
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
Capacitive Load
(µF)
Efficiency
(%)
AM20E-1212DZ
9-18
±12
±0.835
±470
89
AM20E-1215DZ
9-18
±15
±0.665
±330
89
AM20E-2412DZ
18-36
±12
±0.835
±470
90
AM20E-2415DZ
18-36
±15
±0.665
±330
90
AM20E-4812DZ
36-75
±12
±0.835
±470
90
AM20E-4815DZ
36-75
±15
±0.665
±330
89
Add suffix “-K” for optional heat sink
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
9-18
18-36
36-75
VDC
Filter
π (Pi) Network
Start up time
20
ms
Absolute Maximum Rating
12 Vin
24 Vin
48 Vin
36
50
100
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON : 3.0 to 12Vdc or open circuit ;
OFF: 0 to 1.2Vdc or short pin2 and pin 1
OFF: Idle current: 5mA typ
Under Voltage Lockout
12 Vin
24 Vin
48 Vin
8.6
17.8
33.5
VDC
Input Reflected Ripple Current
20
mA p-p
Click on Series name for product info on aimtec.com


Similar Part No. - AM20E-2415SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-2415SZ AIMTEC-AM20E-2415SZ Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20E-2415SZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_16 Datasheet
470Kb / 6P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com