Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM20EW-4815DZ Datasheet(PDF) 1 Page - AIMTEC

Part # AM20EW-4815DZ
Description  20 Watt | DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM20EW-4815DZ Datasheet(HTML) 1 Page - AIMTEC

  AM20EW-4815DZ Datasheet HTML 1Page - AIMTEC AM20EW-4815DZ Datasheet HTML 2Page - AIMTEC AM20EW-4815DZ Datasheet HTML 3Page - AIMTEC AM20EW-4815DZ Datasheet HTML 4Page - AIMTEC AM20EW-4815DZ Datasheet HTML 5Page - AIMTEC AM20EW-4815DZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AM20EW-Z
20 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11.I
1 of 6
North America only
FEATURES:
RoHS Compliant
Soft start
Ultra wide 4:1 Input range
Industrial temperature range -40 to +85°C
Adjustable Output Voltage
High efficiency up to 91%
Remote On/Off
No minimum load required
2” x 1” package
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (A)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM20EW-2403SZ
9-36
3.3
5.5
10000
89
AM20EW-2405SZ
9-36
5
4
6800
91
AM20EW-2412SZ
9-36
12
1.67
1000
89
AM20EW-2415SZ
9-36
15
1.33
680
89
AM20EW-4803SZ
18-75
3.3
5.5
10000
89
AM20EW-4805SZ
18-75
5
4
6800
91
AM20EW-4812SZ
18-75
12
1.67
1000
89
AM20EW-4815SZ
18-75
15
1.33
680
89
Add suffix “-K” for optional heatsink
Models
Dual output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Maximum
capacitive load
(µF)
Efficiency
(%)
AM20EW-2405DZ
9-36
±5
±2
±2200
89
AM20EW-2412DZ
9-36
±12
±0.835
±470
88
AM20EW-2415DZ
9-36
±15
±0.665
±330
89
AM20EW-4805DZ
18-75
±5
±2
±2200
89
AM20EW-4812DZ
18-75
±12
±0.835
±470
88
AM20EW-4815DZ
18-75
±15
±0.665
±330
89
Add suffix “-K” for optional heatsink
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
48
9-36
18-75
VDC
Under voltage lockout
24
48
7.9
16
8.6
17.8
VDC
Filter
π
(Pi) Network
Turn on Transient process time
250
µs
Transient Recovery deviation
±3
%
Start up time
20
ms
Absolute Maximum Rating
24
48
-0.7~50
-0.7~100
VDC
Peak Input Voltage time
100
ms
On/Off Control
ON: 3 ~12VDC or open circuit
OFF: 0 ~ 1.2VDC or Short circuit between pin 2 and pin 1
OFF idle current
5
mA
Input Reflected ripple current
20
mA p-p
Click on Series name for product info on aimtec.com


Similar Part No. - AM20EW-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20EW-4815DZ AIMTEC-AM20EW-4815DZ Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
More results

Similar Description - AM20EW-4815DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
   20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z Datasheet
522Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z Datasheet
543Kb / 5P
   20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_13 Datasheet
419Kb / 5P
   20 Watt | DC-DC Converter
AM20CW-Z AIMTEC-AM20CW-Z Datasheet
339Kb / 3P
   20 Watt | DC-DC Converter
AM20EW-Z AIMTEC-AM20EW-Z_13 Datasheet
653Kb / 6P
   20 Watt | DC-DC Converter
AMEL20-MAZ AIMTEC-AMEL20-MAZ_12 Datasheet
534Kb / 4P
   20 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com