Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM8TW-4805DZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM8TW-4805DZ
Description  8Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM8TW-4805DZ Datasheet(HTML) 2 Page - AIMTEC

  AM8TW-4805DZ Datasheet HTML 1Page - AIMTEC AM8TW-4805DZ Datasheet HTML 2Page - AIMTEC AM8TW-4805DZ Datasheet HTML 3Page - AIMTEC AM8TW-4805DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM8TW-Z
8Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.F
2 of 4
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24 for 1600VDC models
9-36
VDC
48 for 1600VDC models
18-75
24V or 48V for 3000VDC models
13-70
110V
42-176
Filter
 (Pi) Network
Startup time
For 1600VDC Isolation models
20
ms
For 3000VDC Isolation models
30
Absolute Maximum Rating
24 for 1600VDC models
-0.7-50
VDC
48 for 1600VDC models
-0.7-100
24V or 48V for 3000VDC models
100
110V
185
Peak Input Voltage time
100
ms
On/Off control
ON – 3.0 ~ 12VDC (or open)
OFF -0~1.2VDC (or short between pin 1 and 2/3), Idle current 5mA, typ.
No Load Input Current
15
mA
Input reflected current
With 12uH inductance
20
mAp-p
Under voltage Lockout (On/Off)
24V or 48V for 3000VDC models
On – 12V/ Off – 11.7
VDC
110V
On – 39.5V/ Off – 38
Transient recovery time
25% load step change, 1A/us
250
uS
Transient recovery deviation
±3
%
3.3V output models only
±5
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
1600 & 3000
VDC
Tested metal case to Input and Output
60 sec
1000
VDC
Resistance
>1000
MOhm
Capacitance
For 1600VDC Isolation models
1500
pF
For 3000VDC Isolation models
1000
Output Specifications
Parameters
Conditions
Typical
Maximu
m
Units
Voltage accuracy
±1
%
48V nom 3000VDC models only
±1.5
Over voltage protection
Zener Diode Clamp
%
Over load protection
For 1600VDC Isolation models
150
%
For 3000VDC Isolation models
160
For 3000VDC Isolation models 48V nom
170
Short Circuit protection
Continuous
Short circuit restart
Auto-Recovery
Line voltage regulation
HL-LL 1600VDC models
±0.2
% of Vin
HL-LL 3000VDC models
±0.5
Load voltage regulation
0 – 100% load
±0.5
%
Cross regulation (Dual)
25% load on one output - 100% load on second load
±5
%
Temperature coefficient
±0.02
%/oC
Ripple & Noise*
20MHz Bandwidth
75
mV p-p
Minimum Load Current
0
% of Max
*Measured with 1uF ceramic capacitor.


Similar Part No. - AM8TW-4805DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-4805DZ AIMTEC-AM8TW-4805DZ Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
More results

Similar Description - AM8TW-4805DZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM8TW-Z AIMTEC-AM8TW-Z Datasheet
386Kb / 4P
   8Watt | DC-DC Converter
AM8TW-Z AIMTEC-AM8TW-Z_13 Datasheet
259Kb / 4P
   8Watt | DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com