Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6964AEG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6964AEG
Description  17- OUTPUT LED DRIVER/GPO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6964AEG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6964AEG Datasheet HTML 1Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 2Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 3Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 4Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 5Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 6Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 7Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 8Page - Maxim Integrated Products MAX6964AEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
17-
LED
/GPO
_______________________________________________________________________________________
5
SCOPE SHOT OF OUTPUT PORTS
MAX6964 toc07
2ms/div
OUTPUT 1,
2V/div
OUTPUT 2,
2V/div
OUTPUT 1 INDIVIDUAL INTENSITY
SET TO 1/16
MASTER INTENSITY SET TO 14/15
OUTPUT 2 INDIVIDUAL INTENSITY
SET TO 14/15
SCOPE SHOT OF OUTPUT PORTS
MAX6964 toc08
2ms/div
OUTPUT 1
2V/div
OUTPUT 2
2V/div
MASTER INTENSITY SET TO 1/15
OUTPUT 1 INDIVIDUAL INTENSITY
SET TO 1/16
OUTPUT 2 INDIVIDUAL INTENSITY
SET TO 15/16
SINK CURRENT vs. VOL
SINK CURRENT (mA)
40
30
20
10
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0
050
V+ = 3.6V
V+ = 3.3V
V+ = 2V
V+ = 2.7V
ONLY ONE OUTPUT LOADED
______________________________________________________________
(
)
(TA = +25°C, unless otherwise noted.)
QSOP
QFN
1, 4–11, 13–20
1–8, 10–17, 22
O0-O16
224
RST
323
AD0
12
9
GND
21
18
BLINK
22
19
SCL
23
20
SDA
24
21
V+
Pad
Exposed Pad
_____________________________________________________________________________
. 7V, 50mA
.
.
2-
.
.
. GND, V+, SCL, SDA
4
.
1
.
. GND
350mA
.
.
.
I2C
I2C
I/O
. 0.047µF
V+
GND
.
. GND
.


Similar Part No. - MAX6964AEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964AEG MAXIM-MAX6964AEG Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
More results

Similar Description - MAX6964AEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
logo
Hynix Semiconductor
GM6486 HYNIX-GM6486 Datasheet
91Kb / 7P
   33 OUTPUT LED DRIVER
logo
Linear Technology
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Mean Well Enterprises C...
IDPV-25 MEANWELL-IDPV-25 Datasheet
140Kb / 6P
   25W PWM Output LED Driver
logo
Qualtek Electronics Cor...
PLC-040D QUALTEK-PLC-040D Datasheet
1Mb / 3P
   40Watts Single Output LED Driver
PLC-035D QUALTEK-PLC-035D Datasheet
1Mb / 3P
   35Watts Single Output LED Driver
PLC-050 QUALTEK-PLC-050 Datasheet
1Mb / 2P
   50Watts Single Output LED Driver
PLC-025 QUALTEK-PLC-025 Datasheet
1Mb / 2P
   25Watts Single Output LED Driver
PLC-150 QUALTEK-PLC-150 Datasheet
1Mb / 2P
   150Watts Single Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com