Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3904 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMDT3904
Description  DUAL TRANSISTOR (NPNNPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMDT3904 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMDT3904 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT3904 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT3904 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT3904 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-363 Plastic-Encapsulate Transistors
MMDT3904
FEATURES
Epitaxial planar die construction
Ideal for low power amplification and switching
MARKING:K6N
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.2
A
PC
Collector Power Dissipation
0.2
W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10μA,IE=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=30V,IE=0
0.05
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.05
μA
hFE(1)
VCE=1V,IC=0.1mA
40
hFE(2)
VCE=1V,IC=1mA
70
hFE(3)
VCE=1V,IC=10mA
100
300
hFE(4)
VCE=1V,IC=50mA
60
DC current gain
hFE(5)
VCE=1V,IC=100mA
30
VCE(sat)1
IC=10mA,IB=1mA
0.2
V
Collector-emitter saturation voltage
VCE(sat)2
IC=50mA,IB=5mA
0.3
V
VBE(sat)1
IC=10mA,IB=1mA
0.65
0.85
V
Base-emitter saturation voltage
VBE(sat)2
IC=50mA,IB=5mA
0.95
V
Transition frequency
fT
VCE=20V,IC=10mA,f=100MHz
300
MHz
Collector output capacitance
Cob
VCB=5V,IE=0,f=1MHz
4
pF
Noise figure
NF
VCE=5V,Ic=0.1mA,f=1kHz,RS=1KΩ
5
dB
Delay time
td
35
nS
Rise time
tr
VCC=3V, VBE(off)=-0.5V
IC=10mA , IB1=-IB2= 1mA
35
nS
Storage time
ts
200
nS
Fall time
tf
VCC=3V, IC=10mA
IB1=-IB2=1mA
50
nS
Collector cut-off current
ICEX
VCE=30V,VBE(off)=3V
0.05
μA
SOT-363
JC T
DUAL TRANSISTOR (NPN+NPN)
www.cj-elec.com
1
A,Jun,2014
www.cj-elec.com
D,Mar,2016


Similar Part No. - MMDT3904

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT3904 TRSYS-MMDT3904 Datasheet
198Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Micro Commercial Compon...
MMDT3904 MCC-MMDT3904 Datasheet
247Kb / 2P
   Plastic-Encapsulate Transistors 200mW
logo
Diodes Incorporated
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
351Kb / 6P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR
MMDT3904 DIODES-MMDT3904 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
More results

Similar Description - MMDT3904

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
BC846S JIANGSU-BC846S Datasheet
2Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com