Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM30KW-2412DIZ Datasheet(PDF) 2 Page - AIMTEC

Part # AM30KW-2412DIZ
Description  30 Watt | DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM30KW-2412DIZ Datasheet(HTML) 2 Page - AIMTEC

  AM30KW-2412DIZ Datasheet HTML 1Page - AIMTEC AM30KW-2412DIZ Datasheet HTML 2Page - AIMTEC AM30KW-2412DIZ Datasheet HTML 3Page - AIMTEC AM30KW-2412DIZ Datasheet HTML 4Page - AIMTEC AM30KW-2412DIZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series AM30KW-IZ
30 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12
2 of 5
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
24
9-36
VDC
48
18-75
Filter
 (Pi) Network
Start up time
ms
Recommended input fuse (Slow
Blow)
24
4A/250V
48
2A/250V
Absolute Maximum Rating
24
50
VDC
48
100
Peak Input Voltage time
ms
On/Off control
ON –TTL High or Open ; OFF – TTL Low or Short
No Load Input Current
mA
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3 sec
1500 & 3000
VDC
Resistance
500VDC
>1000
MOhm
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±2
%
Over voltage Protection
Zener diode clamp
Over current protection
>110
%
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation
HL-LL
±0.5
% of Vin
Load voltage regulation (Single)
25-100%
±0.5
%
Load voltage regulation (Dual)
25-100%
±1
%
Temperature coefficient
±0.05
%/
oC
Ripple & Noise
20MHz Bandwidth
150
mV p-p
Voltage adjustment range
±10
%
Minimum Load Current
25
% of Max
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
250
KHz
Operating temperature
With derating above 70ºC
-40 to +85
oC
Storage temperature
-55 to +105
oC
Maximum case temperature
100
oC
Cooling
Free Air Convection
Humidity
95
% RH
Case material
Nickel coated copper with non-conductive base
Weight
50
g
Dimensions (L x W x H)
2.00 x 1.60 x 0.40 inches
50.80 x 40.60 x 10.20 mm
MTBF
> 550 000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
oC
Transient recovery time
25% step change
280
uS
Transient recovery deviation
mS
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55022, EN 55024 class A


Similar Part No. - AM30KW-2412DIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30KW-2412DIZ AIMTEC-AM30KW-2412DIZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results

Similar Description - AM30KW-2412DIZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
   30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
   30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
   30 Watt | DC-DC Converter
AM30EW-Z AIMTEC-AM30EW-Z_16 Datasheet
367Kb / 7P
   30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ Datasheet
512Kb / 5P
   30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ Datasheet
456Kb / 5P
   30 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com