Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEC15-5DMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEC15-5DMAZ
Description  15 Watt | AC-DC / DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEC15-5DMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEC15-5DMAZ Datasheet HTML 1Page - AIMTEC AMEC15-5DMAZ Datasheet HTML 2Page - AIMTEC AMEC15-5DMAZ Datasheet HTML 3Page - AIMTEC AMEC15-5DMAZ Datasheet HTML 4Page - AIMTEC AMEC15-5DMAZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Series AMEC15-MAZ
15 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.U
4 of 5
North America only
Dimensions
Side View
PCB
Bracket
Mountin
g Screw
Mylar Film
PCB Mounting
Screw
PCB Mounting
Screw
2.6 mm Max
Customer Chassis
PCB
Mylar Film


Similar Part No. - AMEC15-5DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEC15-5DMAZ AIMTEC-AMEC15-5DMAZ Datasheet
585Kb / 5P
   15 Watt | AC-DC Converter
AMEC15-5DMAZ AIMTEC-AMEC15-5DMAZ Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-5DMAZ AIMTEC-AMEC15-5DMAZ Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEC15-5DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES15-MAZ AIMTEC-AMES15-MAZ_12 Datasheet
254Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMES15-MAZ AIMTEC-AMES15-MAZ_13 Datasheet
466Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-CJZ AIMTEC-AME15-CJZ Datasheet
174Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_13 Datasheet
344Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-JZ AIMTEC-AME15-JZ Datasheet
174Kb / 3P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ-1 AIMTEC-AME15-MAZ-1_16 Datasheet
298Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AME15-MAZ AIMTEC-AME15-MAZ_12 Datasheet
156Kb / 4P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ AIMTEC-AMEC15-MAZ_12 Datasheet
602Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
AMEC15-MAZ-1 AIMTEC-AMEC15-MAZ-1_16 Datasheet
284Kb / 5P
   15 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com