Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEL10-512DMAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL10-512DMAZ
Description  10 Watt | AC-DC / DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL10-512DMAZ Datasheet(HTML) 1 Page - AIMTEC

  AMEL10-512DMAZ Datasheet HTML 1Page - AIMTEC AMEL10-512DMAZ Datasheet HTML 2Page - AIMTEC AMEL10-512DMAZ Datasheet HTML 3Page - AIMTEC AMEL10-512DMAZ Datasheet HTML 4Page - AIMTEC AMEL10-512DMAZ Datasheet HTML 5Page - AIMTEC AMEL10-512DMAZ Datasheet HTML 6Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Series AMEL10-MAZ
10 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R8.U
1 of 6
North America only
FEATURES:
Models
Single output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage
(W)
Output
Voltage
(V)
Output
Current max
(A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL10-3.3SMAZ
90-264/47-440
130-370
9.9
3.3
3.00
2200
75
AMEL10-5SMAZ
90-264/47-440
130-370
10
5
2.00
1000
77
AMEL10-12SMAZ
90-264/47-440
130-370
10
12
0.84
680
79
AMEL10-15SMAZ
90-264/47-440
130-370
10
15
0.67
470
80
AMEL10-24SMAZ
90-264/47-440
130-370
10
24
0.42
470
80
Note: Optional mounting plate version can be ordered by adding “-ST” suffix to part number (ex. AMEL10-5SMAZ-ST)
Models
Asymmetric Dual output
Model
Input Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Max Output
wattage
(W)
Output
Voltage
(V)
Rated
Output
Current
(A)
Maximum
capacitive
load
(µF)
Efficiency
(%)
AMEL10-3.35DMAZ
90-264/47-440
130-370
7.9
3.3/5
0.9/1.0
680
74
AMEL10-3.312DMAZ
90-264/47-440
130-370
8
3.3/12
0.9/0.41
680
77
AMEL10-3.315DMAZ
90-264/47-440
130-370
8
3.3/15
0.9/0.33
680
76
AMEL10-3.324DMAZ
90-264/47-440
130-370
8
3.3/24
0.9/0.2
680
75
AMEL10-512DMAZ
90-264/47-440
130-370
8
5/12
0.6/0.41
470
75
AMEL10-515DMAZ
90-264/47-440
130-370
8
5/15
0.6/0.33
470
77
AMEL10-524DMAZ
90-264/47-440
130-370
8
5/24
0.6/0.2
470
72
AMEL10-1215DMAZ
90-264/47-440
130-370
8
12/15
0.25/0.33
330
76
AMEL10-1224DMAZ
90-264/47-440
130-370
9
12/24
0.25/0.25
330
78
AMEL10-1524DMAZ
90-264/47-440
130-370
9
15/24
0.2/0.25
330
79
AMEL10-3.3N5DMAZ
90-264/47-440
130-370
7.3
-3.3/5
-0.7/1.0
680
74
AMEL10-3.3N12DMAZ
90-264/47-440
130-370
8
-3.3/12
-0.9/0.41
680
75
AMEL10-3.3N15DMAZ
90-264/47-440
130-370
8
-3.3/15
-0.9/0.33
680
75
AMEL10-5N5DMAZ
90-264/47-440
130-370
8
-5/5
-0.6/1
680
74
AMEL10-5N12DMAZ
90-264/47-440
130-370
8
-5/12
-0.6/0.41
470
74
AMEL10-5N15DMAZ
90-264/47-440
130-370
8
-5/15
-0.6/0.33
470
74
AMEL10-12N12DMAZ
90-264/47-440
130-370
8
-12/12
-0.25/0.41
470
76
AMEL10-12N15DMAZ
90-264/47-440
130-370
8
-12/15
-0.25/0.33
330
75
Note: Optional mounting plate version can be ordered by adding “-ST” suffix to part number (ex. AMEL10-5SMAZ-ST)
*Output power must not exceed the listed values.
All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load unless
otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current
115VAC
0.23
A
230VAC
0.15
A
Inrush current <2ms (cold start)
115VAC
10
A
230VAC
20
A
Leakage current
0.25
mA
External fuse
slow blow type
1
A
 I/O Isolation 4000VAC
 Energy Star compliant
 Operating Temp: -40oC to +70oC
 Ultra small package
 Over load, Over Voltage, Short Circuit Protection
 Up to 80% efficiency
CB
Click on Series name for product info on aimtec.com


Similar Part No. - AMEL10-512DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-512DMAZ AIMTEC-AMEL10-512DMAZ Datasheet
300Kb / 4P
   10 Watt | AC-DC Converter
AMEL10-512DMAZ AIMTEC-AMEL10-512DMAZ Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL10-512DMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ Datasheet
379Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SBJZ AIMTEC-AME10-3.3SBJZ Datasheet
520Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AME10-CJZ AIMTEC-AME10-CJZ Datasheet
173Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_16 Datasheet
584Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ_13 Datasheet
776Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_12 Datasheet
482Kb / 4P
   10 Watt | AC-DC / DC-DC Converter
AME10-JZ AIMTEC-AME10-JZ Datasheet
173Kb / 3P
   10 Watt | AC-DC / DC-DC Converter
AMEOW10-NZ AIMTEC-AMEOW10-NZ_16 Datasheet
386Kb / 5P
   10 Watt | AC-DC / DC-DC Converter
AME10-3.3SCJZ AIMTEC-AME10-3.3SCJZ Datasheet
611Kb / 7P
   10 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com