Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT04-400-RA-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # CMT04-400-RA-10
Description  Common mode filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CMT04-400-RA-10 Datasheet(HTML) 5 Page - Superworld Electronics

  CMT04-400-RA-10 Datasheet HTML 1Page - Superworld Electronics CMT04-400-RA-10 Datasheet HTML 2Page - Superworld Electronics CMT04-400-RA-10 Datasheet HTML 3Page - Superworld Electronics CMT04-400-RA-10 Datasheet HTML 4Page - Superworld Electronics CMT04-400-RA-10 Datasheet HTML 5Page - Superworld Electronics CMT04-400-RA-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PG. 5
SUPERWORLD ELECTRONICS (S) PTE LTD
SUPERWORLD ELECTRONICS (S) PTE LTD
29.05.2014
Common mode filter (RoHS Compliant)
CMT04 SERIES
8. PACKAGING INFORMATION :
8-3. Packaging Quantity
Chip size
CMT04
8-1. Reel Dimension
NOTE : Specifications subject to change without notice. Please check our website for latest information.
T
W
ØA
E
Customer label
R
ØC
ØD
Unit:m/m
178± 2.0
ØA
ØC
ØB
50 Min.
13± 0.2
ØD
21± 0.8
E
2.0± 0.5
W
10± 1.5
T
2.5 Max.
R
1.0
8-2. Tape Dimension / 8mm(black anti-static electricity carrier tape)
Ao
T
Po
P
A
A
Ko
SECTION A-A
Unit:m/m
CMT04
Series
Bo
Ao
1.15± 0.05
1.40± 0.05
D
1.5± 0.1
E
1.75± 0.1
F
3.5± 0.05
Ko
0.65± 0.05
P
4.0± 0.1
Po
4.0± 0.1
T
0.3 Max.
Chip /Reel
5000
Inner box
25000
Middle box
125000
Carton
250000
D


Similar Part No. - CMT04-400-RA-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT04N60 ETC-CMT04N60 Datasheet
329Kb / 7P
   POWER MOSFET
logo
Champion Microelectroni...
CMT04N60 CHAMP-CMT04N60 Datasheet
310Kb / 7P
   POWER MOSFET
CMT04N60 CHAMP-CMT04N60 Datasheet
347Kb / 8P
   POWER MOSFET
CMT04N60GN220 CHAMP-CMT04N60GN220 Datasheet
310Kb / 7P
   POWER MOSFET
CMT04N60GN220 CHAMP-CMT04N60GN220 Datasheet
347Kb / 8P
   POWER MOSFET
More results

Similar Description - CMT04-400-RA-10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
logo
LinkCom Manufacturing C...
LTC0551-50R LINKCOM-LTC0551-50R Datasheet
101Kb / 2P
   Common Mode Filter
LTC0361-50R LINKCOM-LTC0361-50R Datasheet
90Kb / 2P
   Common Mode Filter
LTC0535-50R LINKCOM-LTC0535-50R Datasheet
104Kb / 2P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com