Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC0315H1R0MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # PIC0315H1R0MF
Description  SMD Power Choke Coil
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC0315H1R0MF Datasheet(HTML) 5 Page - Superworld Electronics

  PIC0315H1R0MF Datasheet HTML 1Page - Superworld Electronics PIC0315H1R0MF Datasheet HTML 2Page - Superworld Electronics PIC0315H1R0MF Datasheet HTML 3Page - Superworld Electronics PIC0315H1R0MF Datasheet HTML 4Page - Superworld Electronics PIC0315H1R0MF Datasheet HTML 5Page - Superworld Electronics PIC0315H1R0MF Datasheet HTML 6Page - Superworld Electronics PIC0315H1R0MF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
8. SOLDERING
c) Never contact the ceramic with the iron tip
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
d) 1.0mm tip diameter (max)
f) Limit soldering time to 4~5 secs.
8-1.2 Soldering Iron (Figure 2) :
In the event that a soldering iron must be employed the following precautions are recommended.
Products attachment with soldering iron is discouraged due to the inherent process control limitations.
Recommended temperature profiles for re-flow soldering in Figure 1.
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all
re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot air
a) Preheat circuit and products to 150°C.
soldering tools.
8-1.1 Solder Re-flow :
Note :
b) 355°C tip temperature (max)
Over 1min.
Gradual
Cooling
Within 4-5s
350
150
Preheating
Soldering
cooling
Natural
Time(sec.)
60~150s
20~40s
Soldering
480s max.
60~180s
150
25
TP(260°C/40s max.)
217
200
Preheating
cooling
Natural
Figure 1. Re-flow Soldering: 3 times max.
Figure 2. Hand Soldering: 1 times max.
SMD Power Choke Coil
NOTE : Specifications subject to change without notice. Please check our website for latest information.
26.10.2015
PIC0315H SERIES


Similar Part No. - PIC0315H1R0MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0312H100MF SUPERWORLD-PIC0312H100MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0312H1R0MF SUPERWORLD-PIC0312H1R0MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0312H1R5MF SUPERWORLD-PIC0312H1R5MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0312H2R2MF SUPERWORLD-PIC0312H2R2MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0312H3R3MF SUPERWORLD-PIC0312H3R3MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
More results

Similar Description - PIC0315H1R0MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
   SMD Power Choke Coil
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
   SMD Power Choke Coil
PIC1205HPR20MF SUPERWORLD-PIC1205HPR20MF Datasheet
668Kb / 10P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
   SMD Power Choke Coil
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
   SMD Power Choke Coil
PIC1235HPR10YF SUPERWORLD-PIC1235HPR10YF Datasheet
613Kb / 9P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com