Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC1004HR68MF Datasheet(PDF) 11 Page - Superworld Electronics

Part # PIC1004HR68MF
Description  SMD Power Choke Coil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1004HR68MF Datasheet(HTML) 11 Page - Superworld Electronics

Back Button PIC1004HR68MF Datasheet HTML 4Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 5Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 6Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 7Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 8Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 9Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 10Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 11Page - Superworld Electronics PIC1004HR68MF Datasheet HTML 12Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG.11
9. PACKAGING INFORMATION :
Bo(mm)
11.6±0.1
9-3. Packaging Quantity
PIC1004
Series
Ao(mm)
10.4±0.1
11.5±0.1
F(mm)
P(mm)
16.0±0.1
Ko(mm)
4.5±0.1
W(mm)
24±0.3
0.35±0.05
t(mm)
9-2 Tape Dimension
24.4+2.0/-0
A(mm)
13" x 24mm
Type
100±2
B(mm)
D(mm)
13.5±0.5
330
C(mm)
EMBOSSED CARRIER
A
COVER TAPE
9-1. Reel Dimension
PIC1004
4000
1000
Carton
Chip / Reel
Inner Box
Size
500
2.0±0.5
SMD Power Choke Coil
NOTE : Specifications subject to change without notice. Please check our website for latest information.
3°
t
Ko
A0
P
4.0
2.0
1.5±0.1
D(mm)
PIC1004H SERIES
05.11.2015


Similar Part No. - PIC1004HR68MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC1004HR22MN SUPERWORLD-PIC1004HR22MN Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIC1004HR36MN SUPERWORLD-PIC1004HR36MN Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIC1004HR39MN SUPERWORLD-PIC1004HR39MN Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIC1004HR45MN SUPERWORLD-PIC1004HR45MN Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
PIC1004HR56MN SUPERWORLD-PIC1004HR56MN Datasheet
335Kb / 8P
   MOLDED POWER CHOKE COIL
More results

Similar Description - PIC1004HR68MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIC0315HR47MF SUPERWORLD-PIC0315HR47MF Datasheet
1Mb / 7P
   SMD Power Choke Coil
PIC1003HR15MF SUPERWORLD-PIC1003HR15MF Datasheet
529Kb / 8P
   SMD Power Choke Coil
PIC0312HR47MF SUPERWORLD-PIC0312HR47MF Datasheet
1Mb / 8P
   SMD Power Choke Coil
PIC0615HR15MF SUPERWORLD-PIC0615HR15MF Datasheet
531Kb / 8P
   SMD Power Choke Coil
PIC1205HPR20MF SUPERWORLD-PIC1205HPR20MF Datasheet
668Kb / 10P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC0415HP TAI-TECH-TMPC0415HP Datasheet
480Kb / 2P
   SMD Power Choke Coil
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
   SMD POWER CHOKE COIL
logo
Superworld Electronics
PIC0402HPR10YF SUPERWORLD-PIC0402HPR10YF Datasheet
577Kb / 9P
   SMD Power Choke Coil
PIC0412HPR10YF SUPERWORLD-PIC0412HPR10YF Datasheet
527Kb / 8P
   SMD Power Choke Coil
PIC1235HPR10YF SUPERWORLD-PIC1235HPR10YF Datasheet
613Kb / 9P
   SMD Power Choke Coil
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
   SMD Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com