Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC1265HP4R7MF Datasheet(PDF) 2 Page - Superworld Electronics

Part # PIC1265HP4R7MF
Description  SMD Power Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PIC1265HP4R7MF Datasheet(HTML) 2 Page - Superworld Electronics

  PIC1265HP4R7MF Datasheet HTML 1Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 2Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 3Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 4Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 5Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 6Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 7Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 8Page - Superworld Electronics PIC1265HP4R7MF Datasheet HTML 9Page - Superworld Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Inductance L
Part No.
PIC1265HPR33MF
0
0.33
( μH )
@ 0 A
0.65
DCR
Typ. @ 25°C
( mΩ )
Irms
( A )
46
68
( A )
Isat
Typ.
Typ.
DCR
( mΩ )
Max. @ 25°C
0.8
PIC1265HPR40MF
0.40
0.7
44
64
1.0
PIC1265HPR45MF
0.45
0.9
42
63
1.2
PIC1265HPR47MF
0.47
0.9
41
63
1.2
PIC1265HPR50MF
0.50
0.92
40
60
1.25
PIC1265HP2R2MF
2.20
3.8
22
37
4.2
PIC1265HP3R3MF
3.30
5.7
18
30
6.8
PIC1265HP4R7MF
4.70
7.0
13.5
28
8.4
PIC1265HP5R6MF
5.60
8.5
12.5
23
10
PIC1265HP6R8MF
6.80
9.5
11.5
18
11.5
PIC1265HP1R5MF
1.50
2.5
27
45
3.0
PIC1265HPR82MF
0.82
1.5
33
50
1.9
PIC1265HP8R2MF
8.20
12
10.5
16
15.5
PIC1265HP330MF
33.0
48
8
11
58
PIC1265HP101MF
100
180
2.5
3.5
200
SMD Power Inductors (RoHS Compliant)
PIC1265HP SERIES
PIC1265HP1R8MF
1.80
3.6
24
40
4.0
05.11.2015
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PIC1265HPR15MF
0.15
0.49
55
118
0.60
PIC1265HPR22MF
0.22
0.47
53
112
0.60
PIC1265HPR30MF
0.30
0.6
48
72
0.72
PIC1265HPR36MF
0.36
0.7
45
66
0.9
PIC1265HPR56MF
0.56
1.05
37
58
1.2
PIC1265HPR68MF
0.68
1.25
35
55
1.5
PIC1265HP1R0MF
1.00
1.7
30
48
2.3
PIC1265HP7R0MF
7.00
10
11.2
17.7
12.3
PIC1265HP100MF
10.0
13.2
10.0
15.5
16.5
PIC1265HP120MF
12.0
16
9.5
14
20
PIC1265HP130MF
13.0
21
9
13
24
PIC1265HP150MF
15.0
23.2
9
12.5
28
PIC1265HP220MF
22.0
32.5
9
12
37
PIC1265HP470MF
47.0
76
6.5
9.5
90
Tolerance code : M = ±20%, Y = ±30%


Similar Part No. - PIC1265HP4R7MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12(L)F1501 MICROCHIP-PIC12(L)F1501 Datasheet
3Mb / 340P
   14-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12(L)F1612 MICROCHIP-PIC12(L)F1612 Datasheet
5Mb / 12P
   8-bit PIC짰 Microcontrollers
03/12/14
PIC12(L)F1612 MICROCHIP-PIC12(L)F1612 Datasheet
5Mb / 584P
   14/20-Pin, 8-Bit Flash Microcontroller
07/14/15
logo
PULS GmbH
PIC120.241C PULS-PIC120.241C Datasheet
544Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
PIC120.241D PULS-PIC120.241D Datasheet
515Kb / 22P
   24V, 5A, SINGLE PHASE INPUT
More results

Similar Description - PIC1265HP4R7MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com