Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS252010C2R2MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPS252010C2R2MF
Description  SMD Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252010C2R2MF Datasheet(HTML) 5 Page - Superworld Electronics

  SPS252010C2R2MF Datasheet HTML 1Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 2Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 3Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 4Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 5Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 6Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 7Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 8Page - Superworld Electronics SPS252010C2R2MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Thermal Shock
MIL-STD-202
METHOD 107
3
2
1
Total:100 cycles
Step
Conditions for 1 cycle.
Room Temperature
85±5
-55±2
30±3
30±3
Temperature (°C)
Times (min.)
Within5
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
7. RELIABILITY AND TEST CONDITION
Humidity Test
Solderability Test
Resistance to Soldering
Humidity : 90-95%
Time : 500±8 hrs
Temperature : 40±2°C
Time : 10±1.0 Sec
Temp. : 260±5°C
Refer to standard electrical characteristics list
PERFORMANCE
Electrical Characteristics Test
Inductance L
ITEM
Agilent-4291, Agilent-4287
Agilent-4291
TEST CONDITION
1. Inductors shall be no evidence of electrical and
to drop approximately L(%).
Saturation DC Current (Isat) will cause L0
Agilent-4338
Measured at room temperature after placing for 2 to 3hrs
Heat
Base on temp. rise & L/L0A30%.
Q
SRF
DC Resistance
Rated Current
rise approximately T(°C) without core loss.
Heat Rated Current (Irms) will cause the coil temperature
Temperature Rise Test
1.Applied the allowed DC current.
2.Temperature measured by digital surface thermometer
Mechanical Performance Test
MIL-STD-202
METHOD 210
and mechanical damage.
2. Inductance : within ±10% of initial value
ANSI/J-STD-002
More than 95% of terminal electrode should be
covered with solder.
bath at 235±5°C for 4±1seconds.
After fluxing,component shall be dipped in a melted solder
150°C
4±1.0
seconds
60
seconds
Preheating
235°C
Dipping
Natural
cooling
Reliability Test
MIL-STD-202
METHOD 103
1. Visual examination : No mechanical damage
2. Inductance : within±10% of initial value
Measured at room temperature after placing for 2 to 3 hrs
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SMD Power Inductors
T 40°CMax
SPS252010C SERIES
26.02.2013
Agilent-4192, Agilent-4285


Similar Part No. - SPS252010C2R2MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252010D1R0MF SUPERWORLD-SPS252010D1R0MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010D2R2MF SUPERWORLD-SPS252010D2R2MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010DR47MF SUPERWORLD-SPS252010DR47MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010DR68MF SUPERWORLD-SPS252010DR68MF Datasheet
339Kb / 8P
   SMD POWER INDUCTOR
SPS252010U SUPERWORLD-SPS252010U Datasheet
299Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SPS252010C2R2MF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com