Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32RF83 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32RF83
Description  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF83 Datasheet(HTML) 1 Page - Texas Instruments

  ADC32RF83 Datasheet HTML 1Page - Texas Instruments ADC32RF83 Datasheet HTML 2Page - Texas Instruments ADC32RF83 Datasheet HTML 3Page - Texas Instruments ADC32RF83 Datasheet HTML 4Page - Texas Instruments ADC32RF83 Datasheet HTML 5Page - Texas Instruments ADC32RF83 Datasheet HTML 6Page - Texas Instruments ADC32RF83 Datasheet HTML 7Page - Texas Instruments ADC32RF83 Datasheet HTML 8Page - Texas Instruments ADC32RF83 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
ADC
ADC
ADC
ADC
ADC
ADC
INAP/M
SYSREFP/M
CLKINP/M
PLL
50
Buffer
INBP/M
50
Buffer
DB[0,1]P/M
DA[0,1]P/M
DA[2,3]P/M
DB[2,3]P/M
GPIO1..4
ADC
Digital Block
Interleave
Correction
N
N
N
N
NCO
CTRL
SYNCBP/M
0º/180º
Clock
NCO
FAST
DET.
FAST
DET.
NCO
NCO
NCO
ADC
Digital Block
Interleave
Correction
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
1
1 Features
1
14-Bit, Dual-Channel, 3-GSPS ADC
Noise Floor: –155 dBFS/Hz
RF Input Supports Up to 4.0 GHz
Aperture Jitter: 90 fS
Channel Isolation: 95 dB at fIN = 1.8 GHz
Spectral Performance (fIN = 900 MHz, –2 dBFS):
SNR: 60.1 dBFS
SFDR: 66-dBc HD2, HD3
SFDR: 76-dBc Worst Spur
Spectral Performance (fIN = 1.85 GHz, –2 dBFS):
SNR: 58.9 dBFS
SFDR: 67-dBc HD2, HD3
SFDR: 76-dBc Worst Spur
On-Chip Digital Down-Converters:
Up to 4 DDCs (Dual-Band Mode)
Up to 3 Independent NCOs per DDC
On-Chip Input Clamp for Overvoltage Protection
Programmable On-Chip Power Detectors with
Alarm Pins for AGC Support
On-Chip Dither
On-Chip Input Termination
Input Full-Scale: 1.35 VPP
Support for Multi-Chip Synchronization
JESD204B Interface:
Subclass 1-Based Deterministic Latency
4 Lanes Per Channel at 12.5 Gbps
Power Dissipation: 3.2 W/Ch at 3.0 GSPS
72-Pin VQFN Package (10 mm × 10 mm)
2 Applications
Multi-Carrier GSM Cellular Infrastructure Base
Stations
Telecommunications Receivers
DPD Observation Receivers
Backhaul Receivers
RF Repeaters and Distributed Antenna Systems
3 Description
The ADC32RF8x (ADC32RF80 and ADC32RF83) is
a 14-bit, 3-GSPS, dual-channel telecom receiver and
feedback device family that supports RF sampling
with input frequencies up to 4 GHz and beyond.
Designed for high signal-to-noise ratio (SNR), the
ADC32RF8x family delivers a noise spectral density
of –155 dBFS/Hz as well as dynamic range and
channel isolation over a large input frequency range.
The buffered analog input with on-chip termination
provides uniform input impedance across a wide
frequency range and minimizes sample-and-hold
glitch energy.
Each channel can be connected to a dual-band,
digital
down-converter
(DDC)
with
up
to
three
independent, 16-bit numerically-controlled oscillators
(NCOs) per DDC for phase-coherent frequency
hopping. Additionally, the ADC is equipped with front-
end peak and RMS power detectors and alarm
functions to support external automatic gain control
(AGC) algorithms.
The ADC32RF8x supports the JESD204B serial
interface with subclass 1-based deterministic latency
using data rates up to 12.5 Gbps with up to four lanes
per ADC. The device is offered in a 72-pin VQFN
package (10 mm × 10 mm) and supports the
industrial temperature range (–40°C to +85°C).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ADC32RF8x
VQFN (72)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Block Diagram


Similar Part No. - ADC32RF83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF83 TI-ADC32RF83 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF83IRMPR TI-ADC32RF83IRMPR Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF83IRMPT TI-ADC32RF83IRMPT Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF83IRRHR TI-ADC32RF83IRRHR Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF83IRRHT TI-ADC32RF83IRRHT Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Similar Description - ADC32RF83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com