Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS201610H6R8MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPS201610H6R8MF
Description  SMD POWER INDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS201610H6R8MF Datasheet(HTML) 5 Page - Superworld Electronics

  SPS201610H6R8MF Datasheet HTML 1Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 2Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 3Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 4Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 5Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 6Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 7Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 8Page - Superworld Electronics SPS201610H6R8MF Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Thermal Shock Test
MIL-STD-202
METHOD 107
3
2
1
Total:100 cycles
Step
Conditions for 1 cycle.
Room Temperature
85+5
-55±2
30±3
30±3
Temperature (°C)
Times (min.)
Within5
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
7. RELIABILITY AND TEST CONDITION:
Humidity Test
Solderability Test
Resistance to Soldering
Humidity : 90-95%
Time : 500±8 hrs
Temperature : 40±2°C
Time: 10±1.0 Sec
Temp.: 260±5°C
Refer to standard electrical characteristics list
PERFORMANCE
Electrical Characteristics Test
Inductance L
ITEM
Agilent-4291, Agilent-4287
Agilent-4291
TEST CONDITION
1. Inductors shall be no evidence of electrical and
to drop approximately
L(%).
Saturation DC Current (Isat) will cause L0
Agilent-4338
Measured at room temperature after placing for 2 to 3hrs
Heat
Base on temp. rise &
L/L0A 30%.
△≦
Q
SRF
DC Resistance
Rated Current
rise approximately
T(°C) without core loss.
Heat Rated Current (Irms) will cause the coil temperature
ΔT 40°CMax
Temperature Rise Test
1.Applied the allowed DC current.
2.Temperature measured by digital surface thermometer
Mechanical Performance Test
MIL-STD-202
METHOD 210
mechanical damage.
2. Inductance : within ±10% of initial value
ANSI/J-STD-002
More than 95% of terminal electrode should be
covered with solder.
bath at 235±5°C for 4±1seconds.
After fluxing,component shall be dipped in a melted solder
150°C
4±1.0
seconds
60
seconds
Preheating
235°C
Dipping
Natural
cooling
Reliability Test
MIL-STD-202
METHOD 103
1.Visual examination:No mechanical damage
2.Inductance:within±10% of initial value
Measured at room temperature after placing for 2 to 3 hrs
SMD Power Inductors (RoHS Compliant)
NOTE : Specifications subject to change without notice. Please check our website for latest information.
15.08.2013
SPS201610H SERIES


Similar Part No. - SPS201610H6R8MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS201610D1R0MF SUPERWORLD-SPS201610D1R0MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610D2R2MF SUPERWORLD-SPS201610D2R2MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR24MF SUPERWORLD-SPS201610DR24MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR56MF SUPERWORLD-SPS201610DR56MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
SPS201610DR68MF SUPERWORLD-SPS201610DR68MF Datasheet
373Kb / 8P
   SMD POWER INDUCTOR
More results

Similar Description - SPS201610H6R8MF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com