Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS866x Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS866x
Description  12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS866x Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS866x Datasheet HTML 3Page - Texas Instruments ADS866x Datasheet HTML 4Page - Texas Instruments ADS866x Datasheet HTML 5Page - Texas Instruments ADS866x Datasheet HTML 6Page - Texas Instruments ADS866x Datasheet HTML 7Page - Texas Instruments ADS866x Datasheet HTML 8Page - Texas Instruments ADS866x Datasheet HTML 9Page - Texas Instruments ADS866x Datasheet HTML 10Page - Texas Instruments ADS866x Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
7
ADS8661, ADS8665
www.ti.com
SBAS780 – DECEMBER 2016
Product Folder Links: ADS8661 ADS8665
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
AVDD
Analog power-supply voltage
4.75
5
5.25
V
DVDD
Digital power-supply voltage
Operating range
1.65
3.3
AVDD
Supply range for specified performance
2.7
3.3
AVDD
IAVDD_DYN
Analog supply current,
device converting at maximum
throughput
Internal
reference
ADS8661
7
9
mA
ADS8665
4.9
6.5
External
reference
ADS8661
5.8
7.25
ADS8665
3.7
4.5
IAVDD_STC
Analog supply current,
device not converting
Internal reference
2.9
4
mA
External reference
1.7
2.25
IAVDD_STDBY
Analog supply current,
device in STANDBY mode
Internal reference
2.8
mA
External reference
1.6
IAVDD_PD
Analog supply current,
device in PD mode
Internal reference
10
μA
External reference
10
IDVDD_DYN
Digital supply current,
maximum throughput
0.2
0.25
mA
IDVDD_STDBY
Digital supply current,
device in STANDBY mode
1
μA
IDVDD_PD
Digital supply current,
device in PD mode
1
μA
DIGITAL INPUTS (CMOS)
VIH
Digital high input voltage logic level
DVDD > 2.35 V
0.7 ×
DVDD
DVDD +
0.3
V
DVDD
≤ 2.35 V
0.8 ×
DVDD
DVDD +
0.3
VIL
Digital low input voltage logic level
DVDD > 2.35 V
–0.3
0.3 ×
DVDD
V
DVDD
≤ 2.35 V
–0.3
0.2 ×
DVDD
Input leakage current
100
nA
Input pin capacitance
5
pF
DIGITAL OUTPUTS (CMOS)
VOH
Digital high output voltage logic level
IO = 500-μA source
0.8 ×
DVDD
DVDD
V
VOL
Digital low output voltage logic level
IO = 500-μA sink
0
0.2 ×
DVDD
V
Floating state leakage current
Only for digital output pins
1
µA
Internal pin capacitance
5
pF
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
125
°C


Similar Part No. - ADS866x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8664 TI1-ADS8664 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8664IDBT TI1-ADS8664IDBT Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8664IDBTR TI1-ADS8664IDBTR Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8668 TI1-ADS8668 Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8668IDBT TI1-ADS8668IDBT Datasheet
2Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Similar Description - ADS866x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
   8-Channel, 12-Bit High Speed Data Acquisition System
logo
Linear Technology
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com