Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8675IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8675IPW
Description  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8675IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8675IPW Datasheet HTML 2Page - Texas Instruments ADS8675IPW Datasheet HTML 3Page - Texas Instruments ADS8675IPW Datasheet HTML 4Page - Texas Instruments ADS8675IPW Datasheet HTML 5Page - Texas Instruments ADS8675IPW Datasheet HTML 6Page - Texas Instruments ADS8675IPW Datasheet HTML 7Page - Texas Instruments ADS8675IPW Datasheet HTML 8Page - Texas Instruments ADS8675IPW Datasheet HTML 9Page - Texas Instruments ADS8675IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6
ADS8671, ADS8675
SBAS779 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8671 ADS8675
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
This specification indicates the endpoint INL, not best-fit INL.
(3)
Measured relative to actual measured reference.
(4)
Bipolar ranges are ±12.288 V, ±10.24 V, ±6.144 V, ±5.12 V, and ±2.56 V.
(5)
Unipolar ranges are 0 V–12.288 V, 0 V–10.24 V, 0 V–6.144 V, and 0 V–5.12 V.
(6)
Excludes internal reference accuracy error.
(7)
Excludes internal reference temperature drift.
(8)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with a 1-kHz input signal 0.25 dB below
full-scale, unless otherwise specified.
(9)
Calculated on the first nine harmonics of the input frequency.
SYSTEM PERFORMANCE
Resolution
14
Bits
NMC
No missing codes
14
Bits
DNL
Differential nonlinearity(2)
All input ranges
–0.6
±0.25
0.6
LSB
INL
Integral nonlinearity(2)
All input ranges
–0.75
±0.4
0.75
LSB
EO
Offset error(3)
At TA = 25°C
All bipolar ranges(4)
–1
±0.2
1
mV
All unipolar ranges(5)
–2
±0.2
2
Offset error drift with temperature
All input ranges
–3
±0.75
3
ppm/°C
EG
Gain error(6)
At TA = 25°C, all input ranges
–0.025
±0.01
0.025
%FSR
Gain error drift with temperature(7)
All input ranges
–5
±1
5
ppm/°C
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(8)
Input range = ±3 × VREF
84
84.5
dB
Input range = ±2.5 × VREF
84
84.5
Input range = ±1.5 × VREF
83.75
84.25
Input range = ±1.25 × VREF
83.75
84.25
Input range = ±0.625 × VREF
83.25
84
Input range = 3 × VREF
83.5
84.25
Input range = 2.5 × VREF
83.5
84.25
Input range = 1.5 × VREF
83.25
84
Input range = 1.25 × VREF
83.25
84
THD
Total harmonic distortion(9)(8)
All input ranges
–105
dB
SINAD
Signal-to-noise + distortion(8)
Input range = ±3 × VREF
83.9
84.5
dB
Input range = ±2.5 × VREF
83.9
84.5
Input range = ±1.5 × VREF
83.65
84.25
Input range = ±1.25 × VREF
83.65
84.25
Input range = ±0.625 × VREF
83.15
84
Input range = 3 × VREF
83.4
84.25
Input range = 2.5 × VREF
83.4
84.25
Input range = 1.5 × VREF
83.15
84
Input range = 1.25 × VREF
83.15
84
SFDR
Spurious-free dynamic range(8)
All input ranges
108
dB


Similar Part No. - ADS8675IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBT TI1-ADS8674IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBTR TI1-ADS8674IDBTR Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678 TI1-ADS8678 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678IDBT TI1-ADS8678IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Similar Description - ADS8675IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com