Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8695IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8695IPW
Description  18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8695IPW Datasheet(HTML) 5 Page - Texas Instruments

  ADS8695IPW Datasheet HTML 1Page - Texas Instruments ADS8695IPW Datasheet HTML 2Page - Texas Instruments ADS8695IPW Datasheet HTML 3Page - Texas Instruments ADS8695IPW Datasheet HTML 4Page - Texas Instruments ADS8695IPW Datasheet HTML 5Page - Texas Instruments ADS8695IPW Datasheet HTML 6Page - Texas Instruments ADS8695IPW Datasheet HTML 7Page - Texas Instruments ADS8695IPW Datasheet HTML 8Page - Texas Instruments ADS8695IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
5
ADS8691, ADS8695, ADS8699
www.ti.com
SBAS777 – DECEMBER 2016
Product Folder Links: ADS8691 ADS8695 ADS8699
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Ideal input span, does not include gain or offset error.
6.5 Electrical Characteristics
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
VIN
Full-scale input span(1)
(AIN_P to AIN_GND)
Input range = ±3 × VREF
–12.288
12.288
V
Input range = ±2.5 × VREF
–10.24
10.24
Input range = ±1.5 × VREF
–6.144
6.144
Input range = ±1.25 × VREF
–5.12
5.12
Input range = ±0.625 × VREF
–2.56
2.56
Input range = 3 × VREF
0
12.288
Input range = 2.5 × VREF
0
10.24
Input range = 1.5 × VREF
0
6.144
Input range = 1.25 × VREF
0
5.12
AIN_P
Operating input range
Input range = ±3 × VREF
–12.288
12.288
V
Input range = ±2.5 × VREF
–10.24
10.24
Input range = ±1.5 × VREF
–6.144
6.144
Input range = ±1.25 × VREF
–5.12
5.12
Input range = ±0.625 × VREF
–2.56
2.56
Input range = 3 × VREF
0
12.288
Input range = 2.5 × VREF
0
10.24
Input range = 1.5 × VREF
0
6.144
Input range = 1.25 × VREF
0
5.12
AIN_GND
Operating input range
All input ranges
–0.1
0
0.1
V
RIN
Input impedance
At TA = 25°C
Input range = ±3 × VREF
1.02
1.2
1.38
Input range = ±1.5 × VREF
1.02
1.2
1.38
Input range = 3 × VREF
1.02
1.2
1.38
Input range = 1.5 × VREF
1.02
1.2
1.38
Input range = ±2.5 × VREF
0.85
1
1.15
Input range = ±1.25 × VREF
0.85
1
1.15
Input range = ±0.625 × VREF
0.85
1
1.15
Input range = 2.5 × VREF
0.85
1
1.15
Input range = 1.25 × VREF
0.85
1
1.15
Input impedance drift
7
25
ppm/°C
IIN
Input current
With voltage
at the AIN_P
pin = VIN
Input range = ±3 × VREF
(VIN – 2.5) / RIN
µA
Input range = ±2.5 × VREF
(VIN – 2.2) / RIN
Input range = ±1.5 × VREF
(VIN – 2.0) / RIN
Input range = ±1.25 × VREF
(VIN – 2.0) / RIN
Input range = ±0.625 × VREF
(VIN – 1.6) / RIN
Input range = 3 × VREF
(VIN – 2.6) / RIN
Input range = 2.5 × VREF
(VIN – 2.5) / RIN
Input range = 1.5 × VREF
(VIN – 2.7) / RIN
Input range = 1.25 × VREF
(VIN – 2.5) / RIN
INPUT OVERVOLTAGE PROTECTION CIRCUIT
VOVP
All input ranges
AVDD = 5 V or offers low impedance < 30 kΩ,
all input ranges
–20
20
V
AVDD = floating with impedance > 30 kΩ,
all input ranges
–11
11
INPUT BANDWIDTH
f–3 dB
Small-signal Input
bandwidth
–3 dB
All input ranges
15
kHz
f–0.1 dB
–0.1 dB
All input ranges
2.5


Similar Part No. - ADS8695IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS8694IDBT TI1-ADS8694IDBT Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694IDBTR TI1-ADS8694IDBTR Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8698 TI1-ADS8698 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Similar Description - ADS8695IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com