Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMR23610AQDDAQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23610AQDDAQ1
Description  SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23610AQDDAQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMR23610AQDDAQ1 Datasheet HTML 6Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 7Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 8Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 9Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 10Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 11Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 12Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 13Page - Texas Instruments LMR23610AQDDAQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
EA
REF
EN/SYNC
SW
BOOT
VCC
Internal
SS
OV/UV
Detector
Oscillator
Precision
Enable
LDO
PFM
Detector
Slope
Comp
PWM CONTROL LOGIC
UVLO
TSD
Freq
Foldback
Zero
Cross
HICCUP
Detector
VIN
Rc
Cc
PGND
FB
LS I Sense
HS I Sense
FB
VCC
Enable
SYNC
Detector
SYNC Signal
SYNC Signal
AGND
10
LMR23610-Q1
SNVSAR4 – DECEMBER 2016
www.ti.com
Product Folder Links: LMR23610-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LMR23610-Q1 SIMPLE SWITCHER® regulator is an easy to use synchronous step-down DC-DC converter
operating from 4 V to 36 V supply voltage. It is capable of delivering up to 1 A DC load current with good thermal
performance in a small solution size. An extended family is available in multiple current options from 1 A to 3 A in
pin-to-pin compatible packages.
The LMR23610-Q1 employs fixed frequency peak current mode control. The device enters PFM mode at light
load to achieve high efficiency. The device is internally compensated, which reduces design time, and requires
few external components. The LMR23610-Q1 is capable of synchronization to an external clock within the range
of 200 kHz to 2.2 MHz.
Additional features such as precision enable and internal soft-start provide a flexible and easy to use solution for
a wide range of applications. Protection features include thermal shutdown, VIN and VCC under-voltage lockout,
cycle-by-cycle current limit, and hiccup mode short-circuit protection.
The family requires very few external components and has a pin-out designed for simple, optimum PCB layout.
7.2 Functional Block Diagram


Similar Part No. - LMR23610AQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23610ADDA TI1-LMR23610ADDA Datasheet
148Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23610ADDAR TI1-LMR23610ADDAR Datasheet
148Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
More results

Similar Description - LMR23610AQDDAQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615_18 Datasheet
2Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com