Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54824RNVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54824RNVT
Description  4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54824RNVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS54824RNVT Datasheet HTML 1Page - Texas Instruments TPS54824RNVT Datasheet HTML 2Page - Texas Instruments TPS54824RNVT Datasheet HTML 3Page - Texas Instruments TPS54824RNVT Datasheet HTML 4Page - Texas Instruments TPS54824RNVT Datasheet HTML 5Page - Texas Instruments TPS54824RNVT Datasheet HTML 6Page - Texas Instruments TPS54824RNVT Datasheet HTML 7Page - Texas Instruments TPS54824RNVT Datasheet HTML 8Page - Texas Instruments TPS54824RNVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
4
TPS54824
SLVSDC9 – NOVEMBER 2016
www.ti.com
Product Folder Links: TPS54824
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage
VIN
–0.3
18
V
BOOT
–0.3
25
BOOT (10 ns transient)
–0.3
27
BOOT (vs SW)
–0.3
6.5
SW
–1
19
SW (10 ns transient)
–3
21
EN, SS/TRK, PGOOD, RT/CLK, FB, COMP
–0.3
6.5
Operating Junction Temperature Range, TJ
-40
150
°C
Storage Temperature Range, TSTG
-55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per
ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins(2)
±500
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
Parameter
MIN
NOM
MAX
UNIT
VIN
Input voltage range
4.5
17
V
VOUT
Output Voltage
0.6
12
V
IOUT
Output current
8
A
TJ
Operating junction temperature
-40
150
°C
fSW
Switching Frequency (RT mode and PLL
mode)
200
1600
kHz
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS54824
UNIT
RNV
18 PINS
ThetaJA
Junction-to-ambient thermal resistance JEDEC
57.1
°C/W
ThetaJA
Junction-to-ambient thermal resistance EVM
34
°C/W
ThetaJCtop
Junction-to-case (top) thermal resistance
26.3
°C/W
ThetaJB
Junction-to-board thermal resistance
18.8
°C/W
PsiJT
Junction-to-top characterization parameter
0.8
°C/W
PsiJB
Junction-to-board characterization parameter
18.8
°C/W
ThetaJCbot
Junction-to-case (bottom) thermal resistance
1.2
°C/W


Similar Part No. - TPS54824RNVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLR TI1-TPS54821RHLR Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821RHLT TI1-TPS54821RHLT Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
More results

Similar Description - TPS54824RNVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54424 TI1-TPS54424 Datasheet
2Mb / 40P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous SWIFT Step-Down Converter with Current Mode Control
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com