Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62130AQRGTTQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62130AQRGTTQ1
Description  3-V to 17-V 3-A Step-Down Converter with DCS-Control
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62130AQRGTTQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62130AQRGTTQ1 Datasheet HTML 1Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 2Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 3Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 4Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 5Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 6Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 7Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 8Page - Texas Instruments TPS62130AQRGTTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
3
TPS62130A-Q1, TPS62133A-Q1, TPS6213013A-Q1
www.ti.com
SLVSCC2B – MAY 2014 – REVISED NOVEMBER 2016
Product Folder Links: TPS62130A-Q1 TPS62133A-Q1 TPS6213013A-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
OUTPUT VOLTAGE
PACKAGE MARKING
TPS62130A-Q1
adjustable
PA6IQ
TPS62133A-Q1
5 V
PA6JQ
TPS6213013A-Q1
1.3 V
13013Q
(1)
For more information about connecting pins, see Detailed Description and Application and Implementation sections.
(2)
An internal pull-down resistor keeps logic level low, if pin is floating.
(3)
See Figure 46.
6 Pin Configuration and Functions
VQFN Package
16-Pin
Top View
space
Pin Functions
PIN(1)
I/O
DESCRIPTION
NO.
NAME
1,2,3
SW
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
4
PG
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires pull-
up resistor)
5
FB
I
Voltage feedback pin. Connect resistive voltage divider to this pin.
6
AGND
Analog Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
7
LOG
I
This pin is used for internal logic and must be connected to GND.
8
DEF
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(2)
9
SS/TR
I
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference rise
time. It can be used for tracking and sequencing.
10
AVIN
I
Supply voltage for control circuitry. Connect to same source as PVIN.
11,12
PVIN
I
Supply voltage for power stage. Connect to same source as AVIN.
13
EN
I
Enable input (High = enabled, Low = disabled)(2)
14
VOS
I
Output voltage sense pin and connection for the control loop circuitry.
15,16
PGND
Power Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
Exposed Thermal Pad
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane(3). Must be soldered to
achieve appropriate power dissipation and mechanical reliability.


Similar Part No. - TPS62130AQRGTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130AQRGTTQ1 TI1-TPS62130AQRGTTQ1 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62130AQRGTTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TPS62136 TI1-TPS62136 Datasheet
3Mb / 45P
[Old version datasheet]   1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com