Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM84A21 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM84A21
Description  8-V to 14-V Input, 0.508-V to 1.35-V Output, 10-A SWIFT Power Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM84A21 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM84A21 Datasheet HTML 7Page - Texas Instruments TPSM84A21 Datasheet HTML 8Page - Texas Instruments TPSM84A21 Datasheet HTML 9Page - Texas Instruments TPSM84A21 Datasheet HTML 10Page - Texas Instruments TPSM84A21 Datasheet HTML 11Page - Texas Instruments TPSM84A21 Datasheet HTML 12Page - Texas Instruments TPSM84A21 Datasheet HTML 13Page - Texas Instruments TPSM84A21 Datasheet HTML 14Page - Texas Instruments TPSM84A21 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
VOUT =
1
RSET (k )
0.508 *
(
)
+1
(V)
1
RSET =
0.508
±1
(k )
VOUT
11
TPSM84A21
www.ti.com
SLVSDF7 – DECEMBER 2016
Product Folder Links: TPSM84A21
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Adjusting the Output Voltage (VADJ)
The VADJ pin programs the output voltage of the TPSM84A21. The output voltage adjustment range is from
0.508 V to 1.35 V. The adjustment method requires the addition of RSET connected between VADJ and AGND. If
an RSET resistor is not populated, the module will default to 0.508 V. The VS+ pin (pin 14) must be connected to
VOUT. TI recommends to make the VS+ connection at the load for the best load regulation performance. The
RSET resistor must be connected directly between the VADJ pin (pin 15) and AGND (pin 16).
Equation 1 can be used to calculate the ideal RSET resistor value for a given output voltage, VOUT. Use
Equation 2 to calculate the actual VOUT for a given RSET resistor. Table 1 lists the ideal RSET resistor values for a
number of common voltages. Table 1 also lists the closest E96 standard resistor values to the ideal RSET values
along with the actual output voltage and the set-point error when using the E96 resistor value. For the most
accurate output voltage set-point it is best to use the ideal resistor value. The ideal resistor value may not be a
standard value and may require two standard value resistors in series or parallel to obtain the desired output
voltage.
(1)
(2)
Table 1. RSET Resistor Values
Closest E96 Resistor Value
VOUT (V)
Ideal RSET (kΩ)
RSET (kΩ)
Actual VOUT (V)
%
0.508
Open
Open
0.508
0.55
12.095
12.1
0.549
–0.003
0.60
5.522
5.49
0.601
0.088
0.65
3.578
3.57
0.65
0.046
0.70
2.646
2.67
0.698
–0.248
0.75
2.099
2.10
0.749
–0.013
0.80
1.739
1.74
0.799
–0.006
0.85
1.485
1.50
0.847
–0.392
0.9
1.296
1.30
0.899
–0.137
0.95
1.149
1.15
0.949
–0.027
1.00
1.033
1.02
1.006
0.603
1.05
0.937
0.931
1.053
0.348
1.10
0.858
0.866
1.095
–0.490
1.15
0.791
0.787
1.153
0.303
1.20
0.734
0.732
1.202
0.166
1.25
0.685
0.681
1.254
0.317
1.30
0.641
0.649
1.291
–0.712
1.35
0.603
0.604
1.349
–0.070


Similar Part No. - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84A21 TI1-TPSM84A21 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
More results

Similar Description - TPSM84A21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84A22 TI1-TPSM84A22 Datasheet
1Mb / 27P
[Old version datasheet]   8-V to 14-V Input, 1.2-V to 2.05-V Output, 10-A SWIFT Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPS54A20 TI1-TPS54A20 Datasheet
2Mb / 43P
[Old version datasheet]   8-V to 14-V Input, 10-A, up to 10-MHz SWIFT Step Down Converter
TPSM831D31 TI1-TPSM831D31 Datasheet
1,017Kb / 78P
[Old version datasheet]   8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus Power Module
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
[Old version datasheet]   40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM831D31 TI-TPSM831D31_V01 Datasheet
2Mb / 87P
[Old version datasheet]   TPSM831D31 8-V to 14-V Input, 0.25-V to 1.52-V Dual Output, 120-A 40-A PMBus??Power Module
JUNE 2021
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com