Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3478 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3478
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3478 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3478 Datasheet HTML 1Page - National Semiconductor (TI) LM3478 Datasheet HTML 2Page - National Semiconductor (TI) LM3478 Datasheet HTML 3Page - National Semiconductor (TI) LM3478 Datasheet HTML 4Page - National Semiconductor (TI) LM3478 Datasheet HTML 5Page - National Semiconductor (TI) LM3478 Datasheet HTML 6Page - National Semiconductor (TI) LM3478 Datasheet HTML 7Page - National Semiconductor (TI) LM3478 Datasheet HTML 8Page - National Semiconductor (TI) LM3478 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM3478
High Efficiency Low-Side N-Channel Controller for
Switching Regulator
General Description
The LM3478 is a versatile Low-Side N-FET switching regu-
lator controller. It is suitable for use in topologies requiring
low side FET, such as boost, flyback, SEPIC, etc. Moreover,
the LM3478 can be operated at extremely high switching
frequency in order to reduce the overall solution size. The
switching frequency of LM3478 can be adjusted to any value
between 100kHz and 1MHz by using a single external resis-
tor. Current mode control provides superior bandwidth and
transient response, besides cycle-by-cycle current limiting.
Output current can be programmed with a single external
resistor.
The LM3478 has built in features such as thermal shutdown,
short-circuit protection, over voltage protection, etc. Power
saving shutdown mode reduces the total supply current to
5µA and allows power supply sequencing. Internal soft-start
limits the inrush current at start-up.
Key Specifications
n
Wide supply voltage range of 2.97V to 40V
n
100kHz to 1MHz Adjustable clock frequency
n ±
2.5% (over temperature) internal reference
n
10µA shutdown current (over temperature)
Features
n
8-lead Mini-SO8 (MSOP-8) package
n
Internal push-pull driver with 1A peak current capability
n
Current limit and thermal shutdown
n
Frequency compensation optimized with a capacitor and
a resistor
n
Internal softstart
n
Current Mode Operation
n
Undervoltage Lockout with hysteresis
Applications
n
Distributed Power Systems
n
Battery Chargers
n
Offline Power Supplies
n
Telecom Power Supplies
n
Automotive Power Systems
Typical Application Circuit
10135501
Typical High Efficiency Step-Up (Boost) Converter
May 2003
© 2003 National Semiconductor Corporation
DS101355
www.national.com


Similar Part No. - LM3478

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3478 NSC-LM3478 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA/NOPB TI1-LM3478MA/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MAX/NOPB TI1-LM3478MAX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
More results

Similar Description - LM3478

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3478 TI1-LM3478 Datasheet
1Mb / 32P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3478MA TI-LM3478MA_15 Datasheet
670Kb / 26P
[Old version datasheet]   High-Efficiency Low-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3478 NSC-LM3478_09 Datasheet
507Kb / 22P
   High Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3487 NSC-LM3487 Datasheet
2Mb / 22P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3477 NSC-LM3477 Datasheet
815Kb / 23P
   High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
Texas Instruments
LM3477 TI1-LM3477_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Efficiency High-Side N-Channel Controller for Switching Regulator
LM3478 TI-LM3478_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3478x/-Q1 High-Efficiency Low-Side N-Channel Controller for Switching Regulator
LM3477 TI-LM3477_15 Datasheet
1Mb / 35P
[Old version datasheet]   LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
logo
National Semiconductor ...
LM3488 NSC-LM3488_05 Datasheet
1,001Kb / 24P
   High Efficiency Low-Side N-Channel Controller for Switching Regulators
logo
Texas Instruments
LM3488MMX TI-LM3488MMX Datasheet
1Mb / 33P
[Old version datasheet]   High Efficiency Low-Side N-Channel Controller for Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com