Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7803BP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7803BP
Description  Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7803BP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7803BP Datasheet HTML 1Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 2Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 3Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 4Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 5Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 6Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 7Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 8Page - Burr-Brown (TI) ADS7803BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
ADS7803
TYPICAL PERFORMANCE CURVES (CONT)
At VA = VD = VREF+ = 5V, VREF– = AGND = 0V, TA = +25°C, dynamic performance based on 2048 point FFTs , unless otherwise noted.
THEORY OF OPERATION
ADS7803 uses the advantages of advanced CMOS technol-
ogy (logic density, stable capacitors, precision analog
switches, and low power consumption) to provide a precise
12-bit analog-to-digital converter with on-chip sampling and
four-channel analog-input multiplexer.
The input stage consists of an analog multiplexer with an
address latch to select from four input channels.
The converter stage consists of an advanced successive
approximation architecture using charge redistribution on a
capacitor network to digitize the input signal. A tempera-
ture-stabilized differential auto-zeroing circuit is used to
minimize offset errors in the comparator.
Linearity errors in the binary weighted main capacitor
network are corrected using a capacitor trim network and
correction factors stored in on-chip memory. The correction
terms are calculated by an on-chip microcontroller during a
calibration cycle, initiated either by power-up or by applying
an external calibration signal at any time. During conver-
sion, the correct trim capacitors are switched into the main
capacitor array as needed to correct the conversion accuracy.
With all of the capacitors in both the main array and the trim
array on the same chip, excellent stability is achieved, both
over temperature and over time.
For flexibility, timing circuits include both an internal clock
generator and an input for an external clock to synchronize
with external systems. Standard control signals and three-
state input/output registers simplify interfacing ADS7803 to
most micro-controllers, microprocessors or digital storage
systems.
The on-chip sampling provides excellent dynamic perfor-
mance for input signals to 50kHz, and has a full-power –3dB
bandwidth of 4MHz. Full control over sample-to-hold
timing is available for applications where this is critical.
Finally, this performance is matched with the low-power
advantages of CMOS structures to allow a typical power
consumption of 10mW, with a 50
µW power down option.
OPERATION
BASIC OPERATION
Figure 1 shows the simple circuit required to operate
ADS7803 in the Transparent Mode, converting a single
input channel. A convert command on pin 20 (WR) starts a
conversion. Pin 22 (BUSY) will output a LOW during the
conversion process (including sample acquisition and con-
version), and rises only after the conversion is completed.
The two bytes of output data can then be read using pin 18
(RD) and pin 21 (HBE).
FIGURE 1. Basic Operation.
SFR
AIN0
AIN1
AIN2
AIN3
V
REF+
V
REF
DGND
V
D
D7
D6
D5
D4
D3
V
A
AGND
CAL
A1
A0
CLK
BUSY
HBE
WR
CS
RD
D0
D1
D2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Read Command
Convert
Command
High Byte
Enable
Command
BUSY
10nF
+5V
10µF
100k
NC
10µF
10nF
+
+5V
NC
Data Bit 7
Data Bit 6
Data Bit 5
Data Bit 4
Data Bit 3
BUSY
LOW
LOW
LOW
Data Bit 11
(MSB)
HBE Input
LOW
HBE Input
HIGH
Data Bit 8
Data Bit 9
Data Bit 10
Data Bit 0
(LSB)
Data Bit 1
Data Bit 2
HBE Input
HIGH
HBE Input
LOW
0 –5V
Input
+
INTERNAL CLOCK FREQUENCY vs TEMPERATURE
Ambient Temperature (°C)
–50
100
–25
75
025
50
R
CLOCK = 70kΩ
0.9
1.15
1.1
1.05
1
0.95
10
1
INTERNAL CLOCK FREQUENCY vs R
CLOCK
R
CLOCK (kΩ)
0.1
10
1k
100


Similar Part No. - ADS7803BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800 TI1-ADS7800 Datasheet
898Kb / 20P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800 TI1-ADS7800 Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800AH BURR-BROWN-ADS7800AH Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7800AH TI1-ADS7800AH Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7803BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC7802 BURR-BROWN-ADC7802 Datasheet
102Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7832 BURR-BROWN-ADS7832 Datasheet
299Kb / 15P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com