Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18513Q5A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18513Q5A
Description  CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18513Q5A Datasheet(HTML) 1 Page - Texas Instruments

  CSD18513Q5A Datasheet HTML 1Page - Texas Instruments CSD18513Q5A Datasheet HTML 2Page - Texas Instruments CSD18513Q5A Datasheet HTML 3Page - Texas Instruments CSD18513Q5A Datasheet HTML 4Page - Texas Instruments CSD18513Q5A Datasheet HTML 5Page - Texas Instruments CSD18513Q5A Datasheet HTML 6Page - Texas Instruments CSD18513Q5A Datasheet HTML 7Page - Texas Instruments CSD18513Q5A Datasheet HTML 8Page - Texas Instruments CSD18513Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
D007
TC = 25°C, I D = 19 A
TC = 125°C, I D = 19 A
Qg - Gate Charge (nC)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
10
D004
ID = 19 A, VDS = 20 V
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CSD18513Q5A
SLPS623 – NOVEMBER 2016
CSD18513Q5A 40-V N-Channel NexFET™ Power MOSFET
1
1 Features
1
Low RDS(ON)
Low-Thermal Resistance
Avalanche Rated
Logic Level
Lead-Free Terminal Plating
RoHS Compliant
Halogen Free
SON 5-mm × 6-mm Plastic Package
2 Applications
DC-DC Conversion
Secondary Side Synchronous Rectifier
Battery Motor Control
3 Description
This 40-V, 2.8-mΩ, 5-mm × 6-mm SON NexFET™
power MOSFET is designed to minimize losses in
power conversion applications.
Top View
.
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
Qg
Gate Charge Total (10 V)
47
nC
Qgd
Gate Charge Gate-to-Drain
9.2
nC
RDS(on)
Drain-to-Source On Resistance
VGS = 4.5 V
4.1
m
VGS = 10 V
2.8
VGS(th)
Threshold Voltage
1.8
V
Device Information(1)
DEVICE
MEDIA
QTY
PACKAGE
SHIP
CSD18513Q5A
13-Inch Reel
2500
SON
5.00-mm × 6.00-mm
Plastic Package
Tape
and
Reel
CSD18513Q5AT
7-Inch Reel
250
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VDS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Continuous Drain Current (Package Limited)
100
A
Continuous Drain Current (Silicon Limited),
TC = 25°C
124
Continuous Drain Current(1)
22
IDM
Pulsed Drain Current(2)
400
A
PD
Power Dissipation(1)
3.1
W
Power Dissipation, TC = 25°C
96
TJ,
Tstg
Operating Junction,
Storage Temperature
–55 to 150
°C
EAS
Avalanche Energy, Single Pulse
ID = 46 A, L = 0.1 mH, RG = 25 Ω
106
mJ
(1) Typical RθJA = 40°C/W on a 1-in
2, 2-oz Cu pad on a 0.06-in
thick FR4 PCB.
(2) Max RθJC = 1.3°C/W, pulse duration ≤ 100 μs, duty cycle ≤
1%.
RDS(on) vs VGS
Gate Charge


Similar Part No. - CSD18513Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KCS ISC-CSD18510KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18510KTT ISC-CSD18510KTT Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18510KTTT TI1-CSD18510KTTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18513Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511Q5A TI1-CSD18511Q5A Datasheet
602Kb / 13P
[Old version datasheet]   CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com