Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD18511Q5AT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD18511Q5AT
Description  CSD18511Q5A 40 V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD18511Q5AT Datasheet(HTML) 3 Page - Texas Instruments

  CSD18511Q5AT Datasheet HTML 1Page - Texas Instruments CSD18511Q5AT Datasheet HTML 2Page - Texas Instruments CSD18511Q5AT Datasheet HTML 3Page - Texas Instruments CSD18511Q5AT Datasheet HTML 4Page - Texas Instruments CSD18511Q5AT Datasheet HTML 5Page - Texas Instruments CSD18511Q5AT Datasheet HTML 6Page - Texas Instruments CSD18511Q5AT Datasheet HTML 7Page - Texas Instruments CSD18511Q5AT Datasheet HTML 8Page - Texas Instruments CSD18511Q5AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CSD18511Q5A
www.ti.com
SLPS631 – DECEMBER 2016
Product Folder Links: CSD18511Q5A
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
40
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 32 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
1.5
1.8
2.4
V
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V, ID = 24 A
2.7
3.5
m
VGS = 10 V, ID = 24 A
1.9
2.3
m
gƒs
Transconductance
VDS = 20 V, ID = 24 A
5.2
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0 V, VDS = 20 V,
ƒ = 1 MHz
4500
5850
pF
Coss
Output Capacitance
452
588
pF
Crss
Reverse Transfer Capacitance
238
309
pF
RG
Series Gate Resistance
0.7
1.4
Qg
Gate Charge Total (10 V)
VDS = 20 V, ID = 24 A
63
82
nC
Qg
Gate Charge Total (4.5 V)
31
41
nC
Qgd
Gate Charge Gate-to-Drain
11.2
nC
Qgs
Gate Charge Gate-to-Source
13.2
nC
Qg(th)
Gate Charge at Vth
8.2
nC
Qoss
Output Charge
VDS = 20 V, VGS = 0 V
20
nC
td(on)
Turn On Delay Time
VDS = 20 V, VGS = 10 V,
IDS = 24 A, RG = 0
6
ns
tr
Rise Time
15
ns
td(off)
Turn Off Delay Time
24
ns
tƒ
Fall Time
5
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
IDS = 24 A, VGS = 0 V
0.75
1
V
Qrr
Reverse Recovery Charge
VDS= 20 V, IF = 24 A, di/dt = 300 A/μs
17
nC
trr
Reverse Recovery Time
14
ns
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inches × 1.5-inches
(3.81-cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
5.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance(1)
1.2
°C/W
RθJA
Junction-to-Ambient Thermal Resistance(1)(2)
50


Similar Part No. - CSD18511Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18511KCS ISC-CSD18511KCS Datasheet
321Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
logo
Inchange Semiconductor ...
CSD18511KTT ISC-CSD18511KTT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Texas Instruments
CSD18511KTTT TI1-CSD18511KTTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD18511Q5AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18511KCS TI1-CSD18511KCS Datasheet
353Kb / 10P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18510KCS TI1-CSD18510KCS Datasheet
526Kb / 13P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD18513Q5A TI1-CSD18513Q5A Datasheet
608Kb / 13P
[Old version datasheet]   CSD18513Q5A 40-V N-Channel NexFET Power MOSFET
CSD18510KTT TI1-CSD18510KTT Datasheet
413Kb / 13P
[Old version datasheet]   CSD18510KTT 40-V N-Channel NexFET Power MOSFET
CSD18514Q5A TI1-CSD18514Q5A Datasheet
450Kb / 13P
[Old version datasheet]   CSD18514Q5A 40-V N-Channel NexFET Power MOSFET
CSD18512Q5B TI1-CSD18512Q5B Datasheet
659Kb / 13P
[Old version datasheet]   CSD18512Q5B 40 V N-Channel NexFET Power MOSFET
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18504KCS TI-CSD18504KCS Datasheet
299Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com