Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7922ACD2T Datasheet(PDF) 5 Page - STMicroelectronics

Part # L7922ACD2T
Description  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7922ACD2T Datasheet(HTML) 5 Page - STMicroelectronics

  L7922ACD2T Datasheet HTML 1Page - STMicroelectronics L7922ACD2T Datasheet HTML 2Page - STMicroelectronics L7922ACD2T Datasheet HTML 3Page - STMicroelectronics L7922ACD2T Datasheet HTML 4Page - STMicroelectronics L7922ACD2T Datasheet HTML 5Page - STMicroelectronics L7922ACD2T Datasheet HTML 6Page - STMicroelectronics L7922ACD2T Datasheet HTML 7Page - STMicroelectronics L7922ACD2T Datasheet HTML 8Page - STMicroelectronics L7922ACD2T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
L7900 SERIES
5/16
ELECTRICAL CHARACTERISTICS OF L7908C (refer to the test circuits, TJ = 0 to 125°C, VI = -14V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
ELECTRICAL CHARACTERISTICS OF L7912C (refer to the test circuits, TJ = 0 to 125°C, VI = -19V,
IO =500 mA, CI =2.2 µF, CO = 1 µF unless otherwise specified).
(*) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-7.7
-8
-8.3
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -11.5 to -23 V
-7.6
-8
-8.4
V
∆V
O(*)
Line Regulation
VI = -10.5 to -25 V
TJ = 25°C
160
mV
VI = -11 to -17 V
TJ = 25°C
80
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
160
mV
IO = 250 to 750 mA
TJ = 25°C
80
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -11.5 to -25 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.6
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
175
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.5
A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ = 25°C
-11.5
-12
-12.5
V
VO
Output Voltage
IO =-5mAto -1A PO ≤ 15 W
VI = -15.5 to -27 V
-11.4
-12
-12.6
V
∆V
O(*)
Line Regulation
VI = -14.5 to -30 V
TJ = 25°C
240
mV
VI = -16 to -22 V
TJ = 25°C
120
∆V
O(*)
Load Regulation
IO =5mAto 1.5 A
TJ = 25°C
240
mV
IO = 250 to 750 mA
TJ = 25°C
120
Id
Quiescent Current
TJ = 25°C
3
mA
∆I
d
Quiescent Current Change
IO =5mAto 1 A
0.5
mA
VI = -15 to -30 V
1
∆V
O/∆T
Output Voltage Drift
IO = 5 mA
-0.8
mV/°C
eN
Output Noise Voltage
B = 10Hz to 100KHz
TJ = 25°C
200
µV
SVR
Supply Voltage Rejection
∆V
I = 10 V
f = 120Hz
54
60
dB
Vd
Dropout Voltage
IO =1A
TJ = 25°C
∆V
O = 100 mV
1.1
V
Isc
Short Circuit Current
1.5
A


Similar Part No. - L7922ACD2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7922ACD2T STMICROELECTRONICS-L7922ACD2T Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - L7922ACD2T

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com