Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

632P125X9400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 632P125X9400
Description  Film Capacitors Metalized Polycarbonate, Wrap-and-Fill
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

632P125X9400 Datasheet(HTML) 3 Page - Vishay Siliconix

  632P125X9400 Datasheet HTML 1Page - Vishay Siliconix 632P125X9400 Datasheet HTML 2Page - Vishay Siliconix 632P125X9400 Datasheet HTML 3Page - Vishay Siliconix 632P125X9400 Datasheet HTML 4Page - Vishay Siliconix 632P125X9400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
85
Type 632P
Vishay Sprague
Document Number: 42028
Revision 04-Dec-03
For technical questions, contact spresale@vishay.com
STANDARD RATINGS in inches [millimeters]
CASE SIZE
CAPACITANCE
(
µF)
PART NUMBER*
D
L
LEAD
AWG NO.
100 WVDC
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.170 [4.32]
0.190 [4.83]
0.190 [4.83]
0.190 [4.83]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.230 [5.84]
0.310 [7.87]
0.230 [5.84]
0.230 [5.84]
0.250 [6.35]
0.310 [7.87]
0.310 [7.87]
0.310 [7.87]
0.370 [9.40]
0.370 [9.40]
0.370 [9.40]
0.400 [10.16]
0.370 [9.40]
0.400 [10.16]
0.400 [10.16]
0.450 [11.43]
0.450 [11.43]
0.450 [11.43]
0.500 [12.70]
0.500 [12.70]
0.500 [12.70]
0.450 [11.43]
0.500 [12.70]
0.600 [15.24]
0.600 [15.24]
0.01
0.012
0.015
0.018
0.02
0.022
0.027
0.033
0.039
0.047
0.050
0.056
0.068
0.082
0.10
0.12
0.15
0.18
0.20
0.22
0.27
0.33
0.39
0.47
0.50
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.0
2.2
2.7
3.0
3.3
3.9
4.7
5.0
632P103X9100
632P123X9100
632P153X9100
632P183X9100
632P203X9100
632P223X9100
632P273X9100
632P333X9100
632P393X9100
632P473X9100
632P503X9100
632P563X9100
632P683X9100
632P823X9100
632P104X9100
632P124X9100
632P154X9100
632P184X9100
632P204X9100
632P224X9100
632P274X9100
632P334X9100
632P394X9100
632P474X9100
632P504X9100
632P564X9100
632P684X9100
632P824X9100
632P105X9100
632P125X9100
632P155X9100
632P185X9100
632P205X9100
632P225X9100
632P275X9100
632P305X9100
632P335X9100
632P395X9100
632P475X9100
632P505X9100
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.560 [14.22]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
0.750 [19.05]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.000 [25.40]
1.250 [31.79]
1.250 [31.79]
1.500 [38.10]
1.500 [38.10]
1.310 [33.27]
1.310 [33.27]
24
24
24
24
24
24
24
24
24
24
24
24
22
22
22
22
22
22
22
22
22
22
22
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
200 WVDC
0.001
0.0012
0.0015
0.0018
0.002
0.0022
0.0027
0.0033
0.0039
0.0047
0.005
0.0056
0.0068
0.0082
* Part Numbers listed are for a capacitance tolerance of ± 10%. To specify ± 5% tolerance, change the "X9" in the Part Number to "X5";
for ± 2%, from "X9" to "X2".
632P102X9200
632P122X9200
632P152X9200
632P182X9200
632P202X9200
632P222X9200
632P272X9200
632P332X9200
632P392X9200
632P472X9200
632P502X9200
632P562X9200
632P682X9200
632P822X9200
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.170 [4.32]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
0.440 [11.18]
24
24
24
24
24
24
24
24
24
24
24
24
24
24


Similar Part No. - 632P125X9400

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
Oscilent Corporation
632 OSCILENT-632 Datasheet
141Kb / 2P
   Low Frequencies
logo
EDAC, All Rights Reserv...
632-015-266-031 EDAC-632-015-266-031 Datasheet
405Kb / 2P
   632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
logo
List of Unclassifed Man...
632-015-266-032 ETC2-632-015-266-032 Datasheet
560Kb / 3P
   High-density there contact rows with 125 footprint right angle bend
logo
EDAC, All Rights Reserv...
632-015-266-032 EDAC-632-015-266-032 Datasheet
405Kb / 2P
   632 Series D-Sub Connectors | High Density Three Contact Rows with .121"(3.08mm) Footprint RightAngle Bend | Receptacle
More results

Similar Description - 632P125X9400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
430P VISHAY-430P Datasheet
47Kb / 3P
   Metalized Polyester Film Capacitors Wrap-and-Fill
Revision 13-Nov-03
732P VISHAY-732P Datasheet
40Kb / 1P
   Film Capacitors Metalized Polypropylene, Wrap-and-Fill
Revision 17-Nov-03
735P VISHAY-735P Datasheet
81Kb / 3P
   Film Capacitors High Current, Wrap-and-Fill, Metalized Polypropylene
Revision 17-Nov-03
V-430P VISHAY-V-430P Datasheet
70Kb / 4P
   Metallized Polyester Film Capacitors, Wrap-and-Fill
Revision: 12-Mar-09
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
V-730P VISHAY-V-730P Datasheet
173Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 16-Nov-07
V-735P VISHAY-V-735P Datasheet
77Kb / 3P
   Film Capacitors, High Current, Wrap-and-Fill, Metallized Polypropylene
Revision: 12-Mar-09
logo
Surge Components
SAM SURGE-SAM Datasheet
134Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM
SAMR SURGE-SAMR Datasheet
142Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
SAPR SURGE-SAPR Datasheet
131Kb / 1P
   WRAP AND FILL, NON-INDUCTIVE, METALLIZED FILM CAPACITORS, AXIAL LEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com