Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8551AQDGKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8551AQDGKRQ1
Description  DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8551AQDGKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8551AQDGKRQ1 Datasheet HTML 1Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 2Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 3Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 4Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 5Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 6Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 7Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 8Page - Texas Instruments DAC8551AQDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
DAC
V
DD
V
OUT
Shift Register
GND
SYNC
SCLK
D
IN
V
REF
DAC Register
Ref (+)
PWD Control
Resistor
Network
V
FB
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DAC8551-Q1, DAC6551-Q1
SLASEB8C – FEBRUARY 2016 – REVISED NOVEMBER 2016
DACx551-Q1 Automotive 16-, 12-Bit, Ultralow-Glitch, Voltage-Output DAC
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results:
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C4B
Relative Accuracy:
DAC8551-Q1 (16-Bit): 4 LSB INL
DAC6551-Q1 (12-Bit): 0.3 LSB INL
Ultralow Glitch Impulse: 0.1 nV-s
Settling Time: 8 μs to ±0.003% FSR
Power Supply: 3 V to 5.5 V
Power-On Reset to Zero Scale
MicroPower Operation: 160 μA at 5 V
Low-Power Serial Interface With Schmitt-
Triggered Inputs
On-Chip Output Buffer Amplifier With Rail-to-Rail
Operation
Power-Down Capability
Binary Input
SYNC Interrupt Facility
Available in a Tiny VSSOP-8 Package
2 Applications
Automotive Radar
Automotive Sensors
3 Description
The DAC8551-Q1 and DAC6551-Q1 are small, low-
power, voltage-output, 16- and 12-bit digital-to-analog
converters
(DACs)
qualified
for
automotive
applications. The DACx551-Q1 devices provide good
linearity
and
minimize
undesired
code-to-code
transient voltages. The devices use a versatile 3-wire
serial interface that operates at clock rates to 30 MHz
and
is
compatible
with
standard
SPI,
QSPI,
Microwire,
and
digital
signal-processor
(DSP)
interfaces.
The
DACx551-Q1
devices
require
an
external
reference voltage to set the output range. The
devices incorporate a power-on-reset circuit that
ensures the DAC output powers up at 0 V and
remains there until a valid write to the device takes
place. The devices contain a power-down feature,
accessed over the serial interface, that reduces the
current consumption to 800 nA at 5 V.
The DACx551-Q1 devices power consumption is only
800 µW at 5 V, reducing to less than 4 μW in power-
down mode. The DACx551-Q1 devices are available
in a VSSOP-8 package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DAC8551-Q1
DAC6551-Q1
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - DAC8551AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551AQDGKRQ1 TI1-DAC8551AQDGKRQ1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
More results

Similar Description - DAC8551AQDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
[Old version datasheet]   DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com