Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL50AH Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL50AH
Description  Monolithic Accelerometer With Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL50AH Datasheet(HTML) 4 Page - Analog Devices

  ADXL50AH Datasheet HTML 1Page - Analog Devices ADXL50AH Datasheet HTML 2Page - Analog Devices ADXL50AH Datasheet HTML 3Page - Analog Devices ADXL50AH Datasheet HTML 4Page - Analog Devices ADXL50AH Datasheet HTML 5Page - Analog Devices ADXL50AH Datasheet HTML 6Page - Analog Devices ADXL50AH Datasheet HTML 7Page - Analog Devices ADXL50AH Datasheet HTML 8Page - Analog Devices ADXL50AH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADXL50
–4–
REV. B
Polarity of the Acceleration Output
The polarity of the ADXL50 output is shown in the Figure 1.
When oriented to the earth’s gravity (and held in place), the
ADXL50 will experience an acceleration of +1 g. This corre-
sponds to a change of approximately +19 mV at the VPR output
pin. Note that the polarity will be reversed to a negative going
signal at the buffer amplifier output VOUT, due to its inverting
configuration.
Mounting Considerations
There are three main causes of measurement error when using
accelerometers. The first two are alignment and transverse sen-
sitivity errors. The third source of error is due to resonances or
vibrations of the sensor in its mounting fixture.
Errors Due to Misalignment
The ADXL50 is a sensor designed to measure accelerations that
result from an applied force. Because these forces act on the
sensor in a vector manner, the alignment of the sensor to the
force to be measured may be critical.
The ADXL50 responds to the component of acceleration on its
sensitive X axis. Figures 2a and 2b show the relationship be-
tween the sensitive “X” axis and the transverse “Z” and “Y”
axes as they relate to the TO-100 package.
Figure 2c describes a three dimensional acceleration vector
(AXYZ) which might act on the sensor, where AX is the compo-
nent of interest. To determine AX, first, the component of accel-
eration in the XY plane (AXY) is found using the cosine law:
AXY = AXYZ (cos
θ
XY) then
AX = AXY (cos
θ
X)
Therefore: Typical VPR = 19 mV/g (AXYZ) (cos
θ
XY) cos
θ
X
Note that an ideal sensor will react to forces along or at angles
to its sensitive axis but will reject signals from its various trans-
verse axes, i.e., those exactly 90
° from the sensitive “X” axis.
But even an ideal sensor will produce output signals if the trans-
verse signals are not exactly 90
° to the sensitive axis. An accel-
eration that is acting on the sensor from a direction different
from the sensitive axis will show up at the ADXL50 output at a
reduced amplitude.
Table I. Ideal Output Signals for Off Axis Applied
Accelerations Disregarding Device Alignment and
Transverse Sensitivity Errors
% of Signal Appearing
Output in gs for a 50 g
θ
X
at Output
Applied Acceleration
0
100%
50 (On Axis)
1
°
99 98%
49.99
2
°
99.94%
49.97
3
°
99.86%
49.93
5
°
99.62%
49.81
10
°
98.48%
49.24
30
°
86.60%
43.30
45
°
70.71%
35.36
60
°
50.00%
25.00
80
°
17.36%
8.68
85
°
8.72%
4.36
87
°
5.25%
2.63
88
°
3.49%
1.75
89
°
1.7%
0.85
90
°
0%
0.00 (Transverse Axis)
+1g
TAB
PIN 5
Figure 1. Output Polarity at VPR
Z
Z
X
TRANSVERSE Z AXIS
SENSITIVE (X) AXIS
SIDE VIEW
X
TAB
PIN 5
Figure 2a. Sensitive X and Transverse Z Axis
TRANSVERSE Y AXIS
TOP VIEW
Y
X
Y
SENSITIVE (X) AXIS
X
TAB
PIN 5
Figure 2b. Sensitive X and Transverse Y Axis
θx
θxy
Y Axis
X Axis
Axy
Ax
Axyz
–Z Axis
Figure 2c. A Vector Analysis of an Acceleration Acting
Upon the ADXL50 in Three Dimensions


Similar Part No. - ADXL50AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
More results

Similar Description - ADXL50AH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL50 AD-ADXL50_15 Datasheet
216Kb / 16P
   Monolithic Accelerometer With Signal Conditioning
REV. B
ADXL05 AD-ADXL05_15 Datasheet
227Kb / 20P
   Single Chip Accelerometer with Signal Conditioning
REV. B
ADXL05 AD-ADXL05 Datasheet
281Kb / 20P
   -1 g to -5 g Single Chip Accelerometer with Signal Conditioning
REV. B
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Analog Devices
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
logo
Honeywell Solid State E...
DC005NDC4 HONEYWELL-DC005NDC4 Datasheet
129Kb / 4P
   Signal Conditioning: Amplified
logo
National Instruments Co...
PXI-1050 NI-PXI-1050 Datasheet
334Kb / 5P
   PXI Chassis with Integrated Signal Conditioning
logo
Analog Devices
AD7710AR-REEL7 AD-AD7710AR-REEL7 Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com