Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7924ACD2T Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7924ACD2T
Description  NEGATIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7924ACD2T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7924ACD2T Datasheet HTML 7Page - STMicroelectronics L7924ACD2T Datasheet HTML 8Page - STMicroelectronics L7924ACD2T Datasheet HTML 9Page - STMicroelectronics L7924ACD2T Datasheet HTML 10Page - STMicroelectronics L7924ACD2T Datasheet HTML 11Page - STMicroelectronics L7924ACD2T Datasheet HTML 12Page - STMicroelectronics L7924ACD2T Datasheet HTML 13Page - STMicroelectronics L7924ACD2T Datasheet HTML 14Page - STMicroelectronics L7924ACD2T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
L7900 SERIES
11/16
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
11.85
0.466
B
0.96
1.05
1.10
0.037
0.041
0.043
C
1.70
0.066
D
8.7
0.342
E
20.0
0.787
G
10.9
0.429
N
16.9
0.665
P
26.2
1.031
R
3.88
4.09
0.152
0.161
U
39.5
1.555
V
30.10
1.185
TO-3 MECHANICAL DATA
P003C/C
R
C
D
A
P
G


Similar Part No. - L7924ACD2T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7924ACD2T STMICROELECTRONICS-L7924ACD2T Datasheet
93Kb / 11P
   2% NEGATIVE VOLTAGE REGULATORS
L7924ACD2T STMICROELECTRONICS-L7924ACD2T Datasheet
352Kb / 13P
   2% NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - L7924ACD2T

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com