Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC2114YFDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LDC2114YFDR
Description  Inductive Touch Solution for Low-Power HMI and Button Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC2114YFDR Datasheet(HTML) 3 Page - Texas Instruments

  LDC2114YFDR Datasheet HTML 1Page - Texas Instruments LDC2114YFDR Datasheet HTML 2Page - Texas Instruments LDC2114YFDR Datasheet HTML 3Page - Texas Instruments LDC2114YFDR Datasheet HTML 4Page - Texas Instruments LDC2114YFDR Datasheet HTML 5Page - Texas Instruments LDC2114YFDR Datasheet HTML 6Page - Texas Instruments LDC2114YFDR Datasheet HTML 7Page - Texas Instruments LDC2114YFDR Datasheet HTML 8Page - Texas Instruments LDC2114YFDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
A
B
C
D
1
2
3
4
LPW
RB
SDA
OUT1
OUT0
SCL
COM
GND
GND
NC
ADDR
INTB
NC
VDD
NC
IN1
IN0
LPWRB
SDA
OUT1
OUT0
SCL
COM
GND
GND
NC
ADDR
INTB
NC
VDD
NC
IN1
IN0
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
LDC2112
3
LDC2112, LDC2114
www.ti.com
SNOSD15 – DECEMBER 2016
Product Folder Links: LDC2112 LDC2114
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
LDC2112
16-Pin WCSP
Top View (Bumps Down)
LDC2112
16-Pin TSSOP
Top View
(1)
I = Input, O = Output, P=Power, G=Ground, A=Analog
(2)
Both pins should be connected to the system ground on the PCB.
Pin Functions - LDC2112
PIN
I/O(1)
DESCRIPTION
NAME
NO.
VDD
C1
P
Power supply
GND
D1
G
Ground(2)
A4
INTB
B2
O
Interrupt output
Polarity can be configured in Register 0x11. Default is active low.
LPWRB
C2
I
Normal / Low Power Mode select
Set LPWRB to VDD for Normal Power Mode or ground for Low Power Mode.
COM
D2
A
Common return current path for all LC resonator sensors
A capacitor should be connected from this pin to GND. Refer to Setting COM Pin Capacitor.
IN0
A3
A
Channel 0 LC sensor input
IN1
A2
A
Channel 1 LC sensor input
OUT0
D4
O
Channel 0 logic output
Polarity can be configured in Register 0x1C.
OUT1
C4
O
Channel 1 logic output
Polarity can be configured in Register 0x1C.
ADDR
B3
I
I2C address
When ADDR = Low, I2C address = 0x2A. When ADDR = High, I2C address = 0x2B.
SCL
D3
I
I2C clock
SDA
C3
I/O
I2C data
NC
A1
No connect
Leave them floating.
B1
B4


Similar Part No. - LDC2114YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2114YFDR TI1-LDC2114YFDR Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
More results

Similar Description - LDC2114YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112 TI1-LDC2112_17 Datasheet
1Mb / 52P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI Button Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
   Low-power Solution for DSP Intensive Audio Applications
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
   SPEAr320S expansion board for HMI applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com