Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1741CS Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1741CS
Description  LOW DROPOUT ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1741CS Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1741CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1741CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1741CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1741CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1741CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1741CS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AIC1741
LOW DROPOUT ADJUSTABLE REGULATOR
SPEC NO: DS-1741-00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based Industrial Park , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
1
FEATURES
1% Accuracy 1.235V Voltage Reference.
Fast Transient Response.
Low Ground Current at 55
µA.
Wide Output Current Range, 10
µA~80mA.
Output Programmable from 1.235V~11V.
Low Temperature Coefficiency.
Error Flag Warns of Output Dropout.
APPLICATIONS
Voltage Regulator for Pentium
® CPUs.
Wireless Communication System.
5V to 3.3V Regulator for VGA Cards.
Battery Powered Systems.
DESCRIPTION
The AIC1741 is a low power precision adjustable
regulator with 80mA output capability. The device
can be used as a secondary regular to provide
feedback in a switching power supply.
The AIC1741 circuitry includes an internal wide
band amplifier, a precision bandgap reference,
and a PMOS output transistor. The feedback
input can be connected to an external resistor
divider to program the sensed output voltage.
The
VOUT
pin
provides
loop
frequency
compensation when used as a part of a larger
servo system.
Although the device works as a stand-alone
regulator, it can also drive an NPN power
transistor to construct a high current low dropout
regulator, with only very minor current loss to
ground.
TYPICAL APPLICATION CIRCUIT
C2
33
µF
+
C1
10
µF
+
C3
R1
390
R2
1.2K
R3
2K
Q1
TIP31C
NC
NC
6
5
4
2
3
AIC1741
8
7
1
FB
FLAG
GND
NC
VIN
VOUT
VIN
5V
VOUT
3.3V/3 A
10
µF
+
5V to 3.3V Regulator for VGA Cards.
ORDERING INFORMATION
AIC1741 XX
ORDER NUMBER
AIC1741CN
(PLASTIC DIP)
AIC1741CS
(PLASTIC SO)
PIN CONFIGURATION
TOP VIEW
FLAG
1
3
4
2
8
6
5
7
VIN
NC
GND
NC
FB
NC
VOUT
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
TEMPERATURE RANGE
C: 0
°C~+70°C
Pentium
®
is a registered trademark of Intel Corporation


Similar Part No. - AIC1741CS

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CE AIC-AIC1740-18CE Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CF AIC-AIC1740-18CF Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CY AIC-AIC1740-18CY Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-20CE AIC-AIC1740-20CE Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1741CS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
   ADJUSTABLE LOW DROPOUT REGULATOR
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
   Adjustable Low Dropout Regulator
REV. C
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
   Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
   Adjustable Low Dropout Regulator
REV. A
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
125Kb / 3P
   ADJUSTABLE LOW DROPOUT REGULATOR
logo
Texas Instruments
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
[Old version datasheet]   Negative Low Dropout Adjustable Regulator
logo
National Semiconductor ...
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
   Negative Low Dropout Adjustable Regulator
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
   1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
[Old version datasheet]   1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com