Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA320AQDBVRQ1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA320AQDBVRQ1
Description  Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA320AQDBVRQ1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA320AQDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 11Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 12Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 13Page - Texas Instruments OPA320AQDBVRQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0.1
0.01
0.001
0.0001
10
100k
Frequency (Hz)
100
1k
10k
Load = 600
Load = 10 k
0
-20
40
60
80
100
120
140
-
-
-
-
-
-
1k
100M
Frequency (Hz)
10k
100k
1M
10M
0.1
0.01
0.001
0.0001
0.01
10
Input Voltage (V
)
PP
0.1
1
Load = 600
Load = 10 k
0.1
0.01
0.001
0.0001
10
100k
Frequency (Hz)
100
1k
10k
Load = 600
Load = 10 k
1000
100
10
1
100M
Frequency (Hz)
10
1k
10k
100
100k
1M
10M
70
60
50
40
30
20
10
0
0
3000
Capacitive Load (pF)
2500
500
1000
1500
2000
G = 1 V/V, V = 1.8 V
S
G = 1
, V = 5.5 V
S
V/V
G = 10
, V = 1.8 V
S
V/V
G = 10
, V = 5.5 V
S
V/V
10
OPA320-Q1, OPA2320-Q1
SLOS884A – SEPTEMBER 2014 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, V(CM) = VO = mid-supply, and R(L) = 10 kΩ (unless otherwise noted)
VS = ±2.75 V
Figure 19. Open-Loop Output Impedance vs Frequency
Figure 20. Small-Signal Overshoot vs Load Capacitance
VS = ±2.5 V, f = 10 kHz, G = 1 V/V
Figure 21. THD+N vs Amplitude
VS = ±2.5 V, f = 10 kHz, G = 1 V/V, VI = 2 VPP
Figure 22. THD+N vs Frequency
VS = ±2.5 V, f = 10 kHz, G = 1 V/V, VI = 4 VPP
Figure 23. THD+N vs Frequency
VS = ±2.75 V
Figure 24. Channel Separation vs Frequency


Similar Part No. - OPA320AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320AIDBVR TI1-OPA320AIDBVR Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA320AIDBVR TI1-OPA320AIDBVR Datasheet
1Mb / 32P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
OPA320AIDBVR NSC-OPA320AIDBVR Datasheet
1Mb / 37P
   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Infineon Technologies A...
OPA320AIDBVR INFINEON-OPA320AIDBVR Datasheet
2Mb / 47P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2020-07-16
logo
Texas Instruments
OPA320AIDBVT TI1-OPA320AIDBVT Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
More results

Similar Description - OPA320AQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
[Old version datasheet]   Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com