Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT5451 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMDT5451
Description  DUAL TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMDT5451 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMDT5451 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT5451 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT5451 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMDT5451 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOT-363 Plastic-Encapsulate Transistors
MMDT5451
DUAL TRANSISTOR (NPN+PNP)
FEATURES
z
Epitaxial Planar Die Construction
z
Ideal for low Power Amplification and Switching
z
One 5551(NPN), one 5401(PNP)
MRKING:KNM
MAXIMUM RATINGS NPN 5551 (Ta=25
unless otherwise noted)
ELECTRICAL CHARACTERISTICS NPN 5551 (Ta=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=100A,IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10A,IC=0
6
V
Collector cut-off current
ICBO
VCB=120V,IE=0
0.05
A
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.05
A
hFE1
VCE=5V,IC=1mA
80
hFE2
VCE=5V,IC=10mA
100
300
DC current gain
hFE3
VCE=5V,IC=50mA
30
IC=10mA, IB=1mA
0.15
V
Collector-emitter saturation voltage
VCE(sat)
IC=50mA, IB=5mA
0.2
V
IC=10mA, IB=1mA
1
V
Base-emitter saturation voltage
VBE(sat)
IC=50mA, IB=5mA
1
V
Output Capacitance
Cobo
VCB = 10V, f = 1.0MHz, IE = 0
6.0
pF
Current Gain-Bandwidth Product
fT
VCE = 10V, IC = 10mA, f = 100MHz
100
300
MHz
Noise Figure
NF
VCE= 5.0V, IC = 200μA,
RS = 1.0k
f = 1.0kHz
8.0
dB
Symbol
Parameter
Value
Units
VCBO
Collector- Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
0.2
A
PC
Collector Power Dissipation
0.2
W
R JA
Thermal Resistance, Junction to Ambient
625
/W
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
627
JCET
www.cj-elec.com
1
D,Mar,2016
www.cj-elec.com
1
2
3
6
5
4


Similar Part No. - MMDT5451

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT5451 DIODES-MMDT5451 Datasheet
89Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. 8 - 2
MMDT5451 DIODES-MMDT5451 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
MMDT5451 SECOS-MMDT5451 Datasheet
444Kb / 4P
   Plastic-Encapsulated Transistor
logo
Micro Commercial Compon...
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
   NPN/PNP Plastic-Encapsulate Transistors
More results

Similar Description - MMDT5451

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UMY1N UTC-UMY1N Datasheet
84Kb / 3P
   DUAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
NST3946 JIANGSU-NST3946 Datasheet
667Kb / 5P
   DUAL TRANSISTOR
logo
Unisonic Technologies
UMY1N UTC-UMY1N_15 Datasheet
84Kb / 3P
   DUAL TRANSISTOR
logo
List of Unclassifed Man...
2SC5169 ETC-2SC5169 Datasheet
113Kb / 5P
   DUAL TRANSISTOR
logo
Yea Shin Technology Co....
MMBT3906DW YEASHIN-MMBT3906DW Datasheet
800Kb / 3P
   DUAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
MMDT5551 JIANGSU-MMDT5551 Datasheet
283Kb / 4P
   DUAL TRANSISTOR
logo
List of Unclassifed Man...
2SA979 ETC-2SA979 Datasheet
55Kb / 1P
   DUAL TRANSISTOR
logo
Unisonic Technologies
UH4KG-AL6-R UTC-UH4KG-AL6-R Datasheet
161Kb / 3P
   DUAL TRANSISTOR
logo
Jiangsu Changjiang Elec...
MMDT9014 JIANGSU-MMDT9014 Datasheet
1Mb / 4P
   DUAL TRANSISTOR
UMA3N JIANGSU-UMA3N Datasheet
1Mb / 4P
   DUAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com