Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7551Z Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN7551Z
Description  Power IC for BTL car audio
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7551Z Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN7551Z Datasheet HTML 1Page - Panasonic Semiconductor AN7551Z Datasheet HTML 2Page - Panasonic Semiconductor AN7551Z Datasheet HTML 3Page - Panasonic Semiconductor AN7551Z Datasheet HTML 4Page - Panasonic Semiconductor AN7551Z Datasheet HTML 5Page - Panasonic Semiconductor AN7551Z Datasheet HTML 6Page - Panasonic Semiconductor AN7551Z Datasheet HTML 7Page - Panasonic Semiconductor AN7551Z Datasheet HTML 8Page - Panasonic Semiconductor AN7551Z Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ICs for Audio Common Use
AN7551Z
Pin No.
Equivalent circuit
Description
DC Voltage
1
Ripple filter pin:
13 V
Output current from 3 mA to 10mA
2
Mute pin :
0 V
Mute switchover pin
Threshold voltage about 2.1 V
3
ch.3 input pin :
0 mV to 10 mV
ch.3 input signal application pin
Input impedance 30 k
4
GND (circuit board) : Circuit board
0 V
5
ch.4 input pin :
0 mV to 10 mV
ch.4 input signal application pin
Input impedance 30 k
s Terminal Equivalent Circuits
1
1.7 mA
15 k
20 k
350
µA
VCC
2
10 k
100 k
200
3
200
30 k
600
abt.
15
µA
abt.
15
µA
5
200
30 k
600
abt.
15
µA
abt.
15
µA


Similar Part No. - AN7551Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7555 PANASONIC-AN7555 Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
More results

Similar Description - AN7551Z

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
   BTL output power IC for car audio
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
   BTL output power IC for car audio
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
   BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
   BTL output power IC for car audio
AN7195K PANASONIC-AN7195K Datasheet
102Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7195Z PANASONIC-AN7195Z Datasheet
100Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7196K PANASONIC-AN7196K Datasheet
50Kb / 5P
   Dual 15 W BTL power IC for car audio
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7196Z PANASONIC-AN7196Z Datasheet
101Kb / 12P
   Dual 15 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com