Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMD22N Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # UMD22N
Description  DUAL DIGITAL TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

UMD22N Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  UMD22N Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD22N Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD22N Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD22N Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD22N Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd UMD22N Datasheet HTML 6Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DTr2 DTA143Z
Absolute maximum ratings(Ta=25
℃)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
-50
V
Input voltage
VIN
-30~+5
V
IO
-100
Output current
IC(MAX)
-100
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55~150
Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min.
Typ
Max.
Unit
Conditions
VI(off)
-0.5
VCC=-5V, IO=-100μA
Input voltage
VI(on)
-1.3
V
VO=-0.3V, IO=-5mA
Output voltage
VO(on)
-0.1
-0.3
V
IO/II=-5mA/-0.25mA
Input current
II
-1.8
mA
VI=-5V
Output current
IO(off)
-0.5
μA
VCC=-50V, VI=0
DC current gain
GI
80
VO=-5V, IO=-10mA
Input resistance
R1
3.29
4.7
6.11
KΩ
-
Resistance ratio
R2/R1
8
10
12
-
Transition frequency
fT
250
MHz
VCE=-10V, IE=5mA, f=100MHz
www.cj-elec.com
2
www.cj-elec.com
E,Mar,2016


Similar Part No. - UMD22N

ManufacturerPart #DatasheetDescription
logo
Rohm
UMD22N ROHM-UMD22N Datasheet
82Kb / 4P
   General purpose (dual digital transistors)
UMD22N ROHM-UMD22N Datasheet
170Kb / 4P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
UMD22N HTSEMI-UMD22N Datasheet
471Kb / 2P
   General purpose transistors (dual transistors)
logo
Rohm
UMD22N ROHM-UMD22N Datasheet
1Mb / 12P
   General purpose (dual digital transistor)
logo
Micro Commercial Compon...
UMD22N MCC-UMD22N Datasheet
623Kb / 5P
   Digital Transistors
More results

Similar Description - UMD22N

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHIMD14PT CHENMKO-CHIMD14PT Datasheet
81Kb / 2P
   Dual Digital Transistor
logo
Jiangsu Changjiang Elec...
UMD3N JIANGSU-UMD3N Datasheet
1Mb / 5P
   DUAL DIGITAL TRANSISTOR
UMC5N JIANGSU-UMC5N Datasheet
844Kb / 6P
   Dual Digital Transistor
UMD5N JIANGSU-UMD5N Datasheet
1Mb / 6P
   DUAL DIGITAL TRANSISTOR
UMD48N JIANGSU-UMD48N Datasheet
2Mb / 6P
   DUAL DIGITAL TRANSISTOR
logo
Leshan Radio Company
LUMG2NT1G LRC-LUMG2NT1G_15 Datasheet
657Kb / 3P
   Dual NPN Digital Transistor
logo
Chenmko Enterprise Co. ...
CHUMH14PT CHENMKO-CHUMH14PT Datasheet
108Kb / 3P
   Dual Digital Silicon Transistor
CHEMA3PT CHENMKO-CHEMA3PT Datasheet
125Kb / 3P
   Dual Digital Silicon Transistor
CHEMA4PT CHENMKO-CHEMA4PT Datasheet
111Kb / 3P
   Dual Digital Silicon Transistor
CHEMA6PT CHENMKO-CHEMA6PT Datasheet
110Kb / 3P
   Dual Digital Silicon Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com