Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD203B Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD203B
Description  Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD203B Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD203B Datasheet HTML 1Page - Texas Instruments SN65MLVD203B Datasheet HTML 2Page - Texas Instruments SN65MLVD203B Datasheet HTML 3Page - Texas Instruments SN65MLVD203B Datasheet HTML 4Page - Texas Instruments SN65MLVD203B Datasheet HTML 5Page - Texas Instruments SN65MLVD203B Datasheet HTML 6Page - Texas Instruments SN65MLVD203B Datasheet HTML 7Page - Texas Instruments SN65MLVD203B Datasheet HTML 8Page - Texas Instruments SN65MLVD203B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
SN65MLVD206B
www.ti.com
SLLSEX9 – DECEMBER 2016
Product Folder Links: SN65MLVD206B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
6.5 Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
Driver only
RE and DE at VCC, RL = 50 Ω, All others open
13
22
mA
Both disabled
RE at VCC, DE at 0 V, RL = No Load, All others open
1
4
Both enabled
RE at 0 V, DE at VCC, RL = 50 Ω, All others open
16
24
Receiver only
RE at 0 V, DE at 0 V, All others open
4
13
PD
Device power dissipation
RL = 50 Ω, Input to D is a 50-MHz 50% duty cycle square
wave, DE = high, RE = low, TA = 85°C
100
mW
(1)
The algebraic convention in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
All typical values are at 25°C and with a 3.3-V supply voltage.
(3)
Measurement equipment accuracy is 10 mV at –40°C
(4)
HP4194A impedance analyzer (or equivalent)
6.6 Electrical Characteristics – Driver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1) TYP(2)
MAX
UNIT
|VAB| or
|VYZ|
Differential output voltage magnitude (3)
See Figure 3
480
650
mV
Δ|VAB| or
Δ|VYZ|
Change in differential output voltage magnitude
between logic states
–50
50
mV
VOS(SS)
Steady-state common-mode output voltage
See Figure 4
0.8
1.2
V
ΔVOS(SS)
Change in steady-state common-mode output
voltage between logic states
–50
50
mV
VOS(PP)
Peak-to-peak common-mode output voltage
150
mV
VY(OC) or
VA(OC)
Maximum steady-state open-circuit output voltage
See Figure 8
0
2.4
V
VZ(OC) or
VB(OC)
Maximum steady-state open-circuit output voltage
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output
See Figure 6
1.2 VSS
V
VP(L)
Voltage overshoot, high-to-low level output
–0.2 VSS
V
IIH
High-level input current (D, DE)
VIH = 2 V to VCC
0
10
µA
IIL
Low-level input current (D, DE)
VIL = GND to 0.8 V
0
10
µA
|IOS|
Differential short-circuit output current magnitude
See Figure 5
24
mA
IOZ
High-impedance state output current (driver only)
–1.4 V
≤ (VY or VZ) ≤ 3.8 V,
Other output = 1.2 V
–15
10
µA
IO(OFF)
Power-off output current
–1.4 V
≤ (VY or VZ) ≤ 3.8 V, Other
output = 1.2 V, 0 V
≤ VCC≤ 1.5 V
–10
10
µA
CY or CZ
Output capacitance
VI = 0.4 sin(30E6πt) + 0.5 V,
(4)
Other input at 1.2 V, driver
disabled
3
pF
CYZ
Differential output capacitance
VAB = 0.4 sin(30E6πt) V,
(4)
Driver disabled
2.5
pF
CY/Z
Output capacitance balance, (CY/CZ)
0.99
1.01
pF


Similar Part No. - SN65MLVD203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD203BRUMR TI-SN65MLVD203BRUMR Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD203BRUMT TI-SN65MLVD203BRUMT Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
More results

Similar Description - SN65MLVD203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD200 TI1-SN65MLVD200_15 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com