Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD203B Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD203B
Description  Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD203B Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD203B Datasheet HTML 3Page - Texas Instruments SN65MLVD203B Datasheet HTML 4Page - Texas Instruments SN65MLVD203B Datasheet HTML 5Page - Texas Instruments SN65MLVD203B Datasheet HTML 6Page - Texas Instruments SN65MLVD203B Datasheet HTML 7Page - Texas Instruments SN65MLVD203B Datasheet HTML 8Page - Texas Instruments SN65MLVD203B Datasheet HTML 9Page - Texas Instruments SN65MLVD203B Datasheet HTML 10Page - Texas Instruments SN65MLVD203B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
SN65MLVD206B
www.ti.com
SLLSEX9 – DECEMBER 2016
Product Folder Links: SN65MLVD206B
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
Part-to-part skew is defined as the difference in propagation delays between two devices that operate at the same V/T conditions.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
tr = tf = 0.5 ns (10% to 90%), measured over 30K samples.
(5)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p)).
(6)
tr = tf = 0.5 ns (10% to 90%), measured over 100K samples.
6.9 Switching Characteristics – Driver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
See Figure 6
2
2.5
3.5
ns
tpHL
Propagation delay time, high-to-low-level output
2
2.5
3.5
ns
tr
Differential output signal rise time
2
ns
tf
Differential output signal fall time
2
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
30
150
ps
tsk(pp)
Part-to-part skew (2)
0.9
ns
tjit(per)
Period jitter, rms (1 standard deviation)(3)
100-MHz clock input(4)
1
2
ps
tjit(pp)
Peak-to-peak jitter(3)(5)
200 Mbps 215 –1 PRBS input(6)
160
210
ps
tPHZ
Disable time, high-level-to-high-impedance output
See Figure 7
4
7
ns
tPLZ
Disable time, low-level-to-high-impedance output
4
7
ns
tPZH
Enable time, high-impedance-to-high-level output
4
7
ns
tPZL
Enable time, high-impedance-to-low-level output
4
7
ns
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
Part-to-part skew is defined as the difference in propagation delays between two devices that operate at the same V/T conditions.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
VID = 200 mVpp (MLVD201B, 203B), VID = 400 mVpp (MLVD206B, 207B), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 30K
samples.
(5)
Peak-to-peak jitter includes jitter due to pulse skew (tsk(p))
(6)
VID = 200 mVpp (MLVD201B, 203B), VID = 400 mVpp (MLVD206B, 207B), Vcm = 1 V, tr = tf = 0.5 ns (10% to 90%), measured over 100K
samples.
6.10 Switching Characteristics – Receiver
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
CL = 15 pF, See Figure 11
2
6
10
ns
tPHL
Propagation delay time, high-to-low-level output
2
6
10
ns
tr
Output signal rise time
2.3
ns
tf
Output signal fall time
2.3
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
Type 1
100
300
ps
Type 2
400
750
ps
tsk(pp)
Part-to-part skew(2)
1
ns
tjit(per)
Period jitter, rms (1 standard deviation)(3)
100-MHz clock input(4)
1
ps
tjit(pp)
Peak-to-peak jitter(3) (5)
Type 1
200 Mbps 215 –1 PRBS input(6)
50
650
ps
Type 2
35
650
ps
tPHZ
Disable time, high-level-to-high-impedance output
See Figure 12
6
10
ns
tPLZ
Disable time, low-level-to-high-impedance output
6
10
ns
tPZH
Enable time, high-impedance-to-high-level output
10
15
ns
tPZL
Enable time, high-impedance-to-low-level output
10
15
ns


Similar Part No. - SN65MLVD203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD203BRUMR TI-SN65MLVD203BRUMR Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD203BRUMT TI-SN65MLVD203BRUMT Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
More results

Similar Description - SN65MLVD203B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD204B TI-SN65MLVD204B Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD204B TI-SN65MLVD204B_V01 Datasheet
2Mb / 50P
[Old version datasheet]   SN65MLVD204B Multipoint-LVDS Line Drivers and Receivers (Transceivers) With IEC ESD Protection
SN65MLVD200B TI1-SN65MLVD200B Datasheet
177Kb / 7P
[Old version datasheet]   Multipoint-LVDS Line Drivers and Receivers With IEC ESD Protection
SN65MLVD200 TI-SN65MLVD200 Datasheet
336Kb / 23P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
SN65MLVD203B TI-SN65MLVD203B Datasheet
1Mb / 40P
[Old version datasheet]   SN65MLVD203B Multipoint-LVDS Line Driver and Receiver (Transceiver) With IEC ESD Protection
SN65MLVD200 TI1-SN65MLVD200_15 Datasheet
1Mb / 31P
[Old version datasheet]   MULTIPOINT?밚VDS LINE DRIVERS AND RECEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD201 TI-SN65MLVD201_10 Datasheet
749Kb / 28P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201_07 Datasheet
695Kb / 26P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
SN65MLVD201 TI-SN65MLVD201 Datasheet
329Kb / 10P
[Old version datasheet]   MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com