Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8768102VEA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8768102VEA
Description  Class-V, Radiation Hardened High-Speed PWM Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8768102VEA Datasheet(HTML) 5 Page - Texas Instruments

  5962-8768102VEA Datasheet HTML 1Page - Texas Instruments 5962-8768102VEA Datasheet HTML 2Page - Texas Instruments 5962-8768102VEA Datasheet HTML 3Page - Texas Instruments 5962-8768102VEA Datasheet HTML 4Page - Texas Instruments 5962-8768102VEA Datasheet HTML 5Page - Texas Instruments 5962-8768102VEA Datasheet HTML 6Page - Texas Instruments 5962-8768102VEA Datasheet HTML 7Page - Texas Instruments 5962-8768102VEA Datasheet HTML 8Page - Texas Instruments 5962-8768102VEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
UC1825A-SP
www.ti.com
SLUS873C – JANUARY 2009 – REVISED DECEMBER 2016
Product Folder Links: UC1825A-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIN
Supply voltage
VC, VCC
22
V
IO
Source or sink current, DC
OUTA, OUTB
0.5
A
IO
Source or sink current,
pulse (0.5 μs)
OUTA, OUTB
2.2
A
Analog inputs
INV, NI, RAMP
–0.3
to 7
V
ILIM, SS
–0.3
to 6
V
Power ground
PGND
±0.2
V
Outputs
OUTA, OUTB
PGND – 0.3
to VC + 0.3
V
ICLK
Clock output current
CLK/LEB
–5
mA
IO(EA)
Error amplifier output
current
EAOUT
5
mA
ISS
Soft-start sink current
SS
20
mA
IOSC
Oscillator charging current
RT
–5
mA
TJ
Operating virtual junction temperature
–55
150
°C
Lead temperature 1.6 mm (1/16 inch) from cases for 10 seconds
300
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
7.3 Recommended Operating Conditions
over operating free-air temperature range (TA = TJ = –55°C to 125°C), unless otherwise noted
MIN
MAX
UNIT
VCC
Supply voltage
12
20
V
Sink/source output current (continuous or time average)
0
100
mA
Reference load current
0
10
mA
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
UC1825A-SP
UNIT
J (CDIP)
16 PINS
RθJA
Junction-to-ambient thermal resistance
55.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
N/A
°C/W
RθJB
Junction-to-board thermal resistance
33.3
°C/W
ψJT
Junction-to-top characterization parameter
10.3
°C/W
ψJB
Junction-to-board characterization parameter
35.89
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
8.024
°C/W


Similar Part No. - 5962-8768102VEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8768102VEA TI-5962-8768102VEA Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
5962-8768102VEA TI1-5962-8768102VEA Datasheet
513Kb / 16P
[Old version datasheet]   RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
5962-8768102VEA TI1-5962-8768102VEA Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
More results

Similar Description - 5962-8768102VEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1846-SP TI1-UC1846-SP_16 Datasheet
644Kb / 29P
[Old version datasheet]   Class-V, Radiation Hardened PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Intersil Corporation
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
   Radiation Hardened High-Speed, Dual Output PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com