Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR15D-AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR15D-AZ
Description  up to 1A | AC-DC LED Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR15D-AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR15D-AZ_16 Datasheet HTML 1Page - AIMTEC AMEPR15D-AZ_16 Datasheet HTML 2Page - AIMTEC AMEPR15D-AZ_16 Datasheet HTML 3Page - AIMTEC AMEPR15D-AZ_16 Datasheet HTML 4Page - AIMTEC AMEPR15D-AZ_16 Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMEPR15D-AZ
up to 1A | AC-DC LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.R
1 of 5
North America only
FEATURES:
Models
Single Output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current (A)
Input Voltage
(VAC/Hz)
Efficiency
(%)
115
VAC
230
VAC
AMEPR15D-5030AZ+Suffix②
15
36-50
62
0.3
90-264/47-440
82
82
AMEPR15D-4835AZ+Suffix②
15.8
30-48
62
0.35
90-264/47-440
82
82
AMEPR15D-3650AZ+Suffix②
18
24-36
52
0.5
90-264/47-440
81
82
AMEPR15D-2470AZ+Suffix②
16.8
12-24
34
0.7
90-264/47-440
81
82
AMEPR15D-15100AZ+Suffix②
15
8-15
23
1
90-264/47-440
80
79
Exceeding the maximum output power will permanently damage the converter.
Model Nomenclature for Ordering:
Add Suffix “-UD”
Universal AC input 90-264VAC, (no TRIAC dimming option), IP20
Add Suffix “-UW”
Universal AC input 90-264VAC, (no TRIAC dimming option), IP67
Add Suffix “-110D”
AC input 90-135VAC, IP20, 115VAC typical value
Add Suffix “-110W”
AC input 90-135VAC, IP67, 115VAC typical value
Add Suffix “-220D”
AC input 180-264VAC, IP20, 230VAC typical value
Add Suffix “-220W”
AC input 180-264VAC, IP67, 230VAC typical value
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230VAC) and at rated output load unless otherwise specified. See http://www.aimtec.com/terms-
sale
AMEPR15D-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms (cold start)
115VAC
15
A
230VAC
25
Leakage current
25
mA
AC current
115VAC
400
mA
230VAC
250
Power Factor
115VAC
0.9
230VAC
0.9
External fuse
Recommend Slow
Blown Type
1
A
Start up time
200
ms
 AC-DC Constant Current LED Driver
 Leading or Trailing Edge Triac
 Input range 90-264VAC/47-440Hz
 IP20 or IP67 Case
 High Efficiency up to 82%
 Active PFC with TRIAC Dimmable
 Operating temperature -20 to 80°C
 Total Harmonic Distortion < 20%
 5 Year Limited Warranty
 SCP, Over Load Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AMEPR15D-AZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
More results

Similar Description - AMEPR15D-AZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR15D-5030AZUD AIMTEC-AMEPR15D-5030AZUD Datasheet
317Kb / 5P
   up to 1A | AC-DC LED Driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com