Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8680603V9A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8680603V9A
Description  Class-V, Radiation Hardened PWM Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8680603V9A Datasheet(HTML) 5 Page - Texas Instruments

  5962-8680603V9A Datasheet HTML 1Page - Texas Instruments 5962-8680603V9A Datasheet HTML 2Page - Texas Instruments 5962-8680603V9A Datasheet HTML 3Page - Texas Instruments 5962-8680603V9A Datasheet HTML 4Page - Texas Instruments 5962-8680603V9A Datasheet HTML 5Page - Texas Instruments 5962-8680603V9A Datasheet HTML 6Page - Texas Instruments 5962-8680603V9A Datasheet HTML 7Page - Texas Instruments 5962-8680603V9A Datasheet HTML 8Page - Texas Instruments 5962-8680603V9A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
UC1846-SP
www.ti.com
SLUS871D – JANUARY 2009 – REVISED DECEMBER 2016
Product Folder Links: UC1846-SP
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Bond Pad Coordinates in Microns
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
Current limit/soft-start
1
2174.24
1661.16
2280.92
1767.84
VREF
2
2235.2
2026.92
2341.88
2133.6
(–) Current sense
3
1996.44
2219.96
2103.12
2326.64
(+) Current sense
4
1635.76
2219.96
1742.44
2326.64
(+) Error amplifier
5
467.36
2219.96
574.04
2326.64
(–) Error amplifier
6
289.56
2219.96
396.24
2326.64
Compensation
7
142.24
1671.32
248.92
1778
CT
8
157.48
1270
264.16
1376.68
RT
9
157.48
939.8
264.16
1046.48
SYNC
10
157.48
172.72
264.16
279.4
OUTPUT A
11
772.16
213.36
889
350.52
GROUND
12
1346.2
81.28
1463.04
208.28
VC
13
1341.12
472.44
1468.12
645.16
OUTPUT B
14
1920.24
213.36
2037.08
350.52
VIN
15
2255.52
320.04
2362.2
426.72
SHUTDOWN
16
2214.88
1107.44
2321.56
1214.12


Similar Part No. - 5962-8680603V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8680603V9A TI1-5962-8680603V9A Datasheet
630Kb / 29P
[Old version datasheet]   Current-Mode PWM Controller
More results

Similar Description - 5962-8680603V9A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825A-SP TI1-UC1825A-SP_16 Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI1-UC1825B-SP Datasheet
4Mb / 30P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI1-UC1845A-SP Datasheet
938Kb / 28P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI1-UC1843B-SP Datasheet
3Mb / 27P
[Old version datasheet]   QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1825B-SP TI-UC1825B-SP_V01 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1825B-SP TI-UC1825B-SP_V02 Datasheet
4Mb / 31P
[Old version datasheet]   UC1825B-SP Class-V, Radiation Hardened High-Speed PWM Controller
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
[Old version datasheet]   UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
[Old version datasheet]   UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
Renesas Technology Corp
ISL73847SEH RENESAS-ISL73847SEH Datasheet
1Mb / 43P
   Radiation Hardened Single/Dual Phase Current Mode PWM Controller
Feb 15, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com