Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEPR30D-36100AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEPR30D-36100AZ
Description  AC-DC Constant current LED Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR30D-36100AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEPR30D-36100AZ Datasheet HTML 1Page - AIMTEC AMEPR30D-36100AZ Datasheet HTML 2Page - AIMTEC AMEPR30D-36100AZ Datasheet HTML 3Page - AIMTEC AMEPR30D-36100AZ Datasheet HTML 4Page - AIMTEC AMEPR30D-36100AZ Datasheet HTML 5Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Series AMEPR30D-AZ
up to 2A | AC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.S
1 of 5
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
No Load
Output
Voltage
(V max.)
Output
Current (A)
Input Voltage
(VAC/Hz)
Efficiency
(%)
115
VAC
230
VAC
AMEPR30D-5070AZ +Suffix②
35
36-50
64
0.7
90-264/47-440
82
85
AMEPR30D-4270AZ+Suffix②
29.4
32-42
54
0.7
90-264/47-440
84
87
AMEPR30D-3670AZ+Suffix②
25.2
24-36
52
0.7
90-264/47-440
83
84
AMEPR30D-36100AZ+Suffix②
36
24-36
52
1
90-264/47-440
83
84
AMEPR30D-24125AZ+Suffix②
30
12-24
34
1.25
90-264/47-440
82
84
AMEPR30D-24140AZ+Suffix②
33.6
12-24
34
1.4
90-264/47-440
80
83
AMEPR30D-15200AZ+Suffix②
30
8-15
23
2
90-264/47-440
81
83
Exceeding the maximum output power will permanently damage the converter.
Model Nomenclature for Ordering:
Add Suffix “-U”
Universal AC input 90-264VAC, (no TRIAC dimming option)
Add Suffix “-110”
AC input 90-135VAC, 115VAC typical value
Add Suffix “-220”
AC input 180-264VAC, 230VAC typical value
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230VAC) and at rated output load unless otherwise specified. See http://www.aimtec.com/terms-
sale
AMEPR30D-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are prone
to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or cause
early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms (cold start)
115VAC
15
A
230VAC
30
Leakage current
0.25
mA
AC current
115VAC
500
mA
230VAC
350
Power Factor
115VAC
0.9
230VAC
0.9
External fuse
Recommended slow blow type
1
A
Start up time
200
ms
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±7
%
Line regulation
LL-HL
±10
%
Load regulation
0-100% load
±7
%
 AC-DC Constant current LED Driver
 Leading or Trailing Edge Triac
 Input range 90-264VAC/47-440Hz
 IP67 Case
 Active PFC with TRIAC dimmable
 High Efficiency up to 87%
 Operating temperature -20 to 80°C
 Total Harmonic Distortion < 20%
 5 Year Limited Warranty
 SCP, Over Load Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AMEPR30D-36100AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR30D-36100AZ AIMTEC-AMEPR30D-36100AZ Datasheet
519Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEPR30D-36100AZ-110 AIMTEC-AMEPR30D-36100AZ-110 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-36100AZ-220 AIMTEC-AMEPR30D-36100AZ-220 Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMEPR30D-36100AZ-U AIMTEC-AMEPR30D-36100AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
More results

Similar Description - AMEPR30D-36100AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ Datasheet
213Kb / 4P
   AC-DC Constant Current LED Driver
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER120-AZ AIMTEC-AMER120-AZ_16 Datasheet
641Kb / 10P
   AC-DC Constant Current or Constant Voltage LED Driver
logo
AiT Semiconductor Inc.
A9913 AITSEMI-A9913 Datasheet
431Kb / 8P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.0 - NOV 2013
A9912 AITSEMI-A9912 Datasheet
371Kb / 10P
   AC-DC LED DRIVER 85~265V AC INPUT LED CONSTANT CURRENT DRIVER
REV1.1 - OCT 2013
logo
Mean Well Enterprises C...
LDD-L MEANWELL-LDD-L Datasheet
185Kb / 2P
   DC-DC Constant Current LED driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com