Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER150-50300CAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMER150-50300CAZ
Description  Constant Current or Constant Voltage LED Driver or Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER150-50300CAZ Datasheet(HTML) 4 Page - AIMTEC

  AMER150-50300CAZ Datasheet HTML 1Page - AIMTEC AMER150-50300CAZ Datasheet HTML 2Page - AIMTEC AMER150-50300CAZ Datasheet HTML 3Page - AIMTEC AMER150-50300CAZ Datasheet HTML 4Page - AIMTEC AMER150-50300CAZ Datasheet HTML 5Page - AIMTEC AMER150-50300CAZ Datasheet HTML 6Page - AIMTEC AMER150-50300CAZ Datasheet HTML 7Page - AIMTEC AMER150-50300CAZ Datasheet HTML 8Page - AIMTEC AMER150-50300CAZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Series AMER150-CAZ
up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.Q
4 of 10
North America only
Analog (0-10V) Dimming Application Circuit
PWM (1KHz) Dimming Application Circuit


Similar Part No. - AMER150-50300CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-50300CAZ AIMTEC-AMER150-50300CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-50300CAZ AIMTEC-AMER150-50300CAZ Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-50300CAZ AIMTEC-AMER150-50300CAZ Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-50300CAZ AIMTEC-AMER150-50300CAZ Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results

Similar Description - AMER150-50300CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-CAZ-4 AIMTEC-AMER150-CAZ-4_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER90-CAZ AIMTEC-AMER90-CAZ_16 Datasheet
562Kb / 10P
   Constant current LED Driver or Converter
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com