Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMER150-24630CAZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMER150-24630CAZ
Description  Constant Current or Constant Voltage LED Driver or Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMER150-24630CAZ Datasheet(HTML) 1 Page - AIMTEC

  AMER150-24630CAZ Datasheet HTML 1Page - AIMTEC AMER150-24630CAZ Datasheet HTML 2Page - AIMTEC AMER150-24630CAZ Datasheet HTML 3Page - AIMTEC AMER150-24630CAZ Datasheet HTML 4Page - AIMTEC AMER150-24630CAZ Datasheet HTML 5Page - AIMTEC AMER150-24630CAZ Datasheet HTML 6Page - AIMTEC AMER150-24630CAZ Datasheet HTML 7Page - AIMTEC AMER150-24630CAZ Datasheet HTML 8Page - AIMTEC AMER150-24630CAZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Series AMER150-CAZ
up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.Q
1 of 10
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
Output
Voltage
Range
(V)
Output
Current
(A)
Input
Voltage
(VAC/Hz)
Input
Voltage
(VDC)
Mode of Operation
Efficiency
(%)
115
VAC
230
VAC
277
VAC
AMER150-50300CAZ
150
36-50
0-3
90-305/47-440
130-430
Constant Current
87
89
89
Constant Voltage
87
88
89
AMER150-36420CAZ
150
24-36
0-4.16
90-305/47-440
130-430
Constant Current
86
88
88
Constant Voltage
86
88
88
AMER150-24630CAZ
151.2
12-24
0-6.3
90-305/47-440
130-430
Constant Current
85
87
87
Constant Voltage
85
87
87
Add Suffix “-F” No dimming option
Exceeding the maximum output power will permanently damage the converter
The dimming feature is not supported when units are used in Constant Voltage mode only, Aimtec suggests to order “-F” No dimming
option in this case.
In constant current mode output current is maximum shown, in constant voltage mode output voltage is the maximum shown.
All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to part number
when ordering
.
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/277VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-saleAMER150-CAZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from
conventional electrical abnormalities with the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial,
and other areas or regions which are prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive
voltages surges or spikes, may damage or cause early life failure of product. In this case consideration should be made by the end user to
ensure that adequate line or mains surge suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure
to identify excessive line surges violations prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Current (full load)
115 VAC
2000
mA
230 VAC
1000
mA
277 VAC
900
mA
Inrush current <2ms (cold start)
115 VAC
50
A
230 VAC
75
A
277 VAC
90
A
Leakage current
I/O
0.25
mA
I/FG, O/FG
3.5
mA
Power factor
115 VAC
0.98
230 VAC
0.94
277 VAC
0.92
External fuse
Recommended slow blow type
3.5
A
Start-up time
900
ms
 Constant Current or Constant Voltage LED
Driver or Converter
 Over Voltage Protection
 Over Current Protection
 Input range 90-305VAC/47-440Hz
 Waterproof Case rated IP68
 High Efficiency up to 89%
 Power Factor Correction
 115VAC Operating temperature -50 to 75°C
 230VAC Operating temperature -55 to 75°C
 Dimmable via resistive
 5 Year Limited Warranty
 Short Circuit Protection
Click on Series name for product info on aimtec.com


Similar Part No. - AMER150-24630CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-24630CAZ AIMTEC-AMER150-24630CAZ Datasheet
708Kb / 10P
   up to 6.3A | AC-DC / DC-DC | LED Driver / Converter
AMER150-24630CAZ AIMTEC-AMER150-24630CAZ Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-24630CAZ AIMTEC-AMER150-24630CAZ Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-24630CAZ AIMTEC-AMER150-24630CAZ Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
More results

Similar Description - AMER150-24630CAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMER150-CAZ AIMTEC-AMER150-CAZ_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_16 Datasheet
563Kb / 11P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-6 AIMTEC-AMER150-CAZ-6_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER150-CAZ-5 AIMTEC-AMER150-CAZ-5_16 Datasheet
542Kb / 10P
   Constant Current or Constant Voltage LED Driver or Converter
AMER90-CAZ AIMTEC-AMER90-CAZ_16 Datasheet
562Kb / 10P
   Constant current LED Driver or Converter
AMEPR60-AZ AIMTEC-AMEPR60-AZ_16 Datasheet
701Kb / 14P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_16 Datasheet
1Mb / 15P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER150-AZ AIMTEC-AMER150-AZ_16 Datasheet
640Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMER90-AZ AIMTEC-AMER90-AZ_16 Datasheet
632Kb / 11P
   AC-DC Constant Current or Constant Voltage LED Driver
AMEPR30C-AZ AIMTEC-AMEPR30C-AZ_16 Datasheet
760Kb / 17P
   AC-DC Constant Current or Constant Voltage LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com