Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV14543BDR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLV14543BDR2G
Description  BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV14543BDR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NLV14543BDR2G Datasheet HTML 1Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 2Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 3Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 4Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 5Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 6Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 7Page - ON Semiconductor NLV14543BDR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14543B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
− 55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 3)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
“1” Level
Vin = 0 or VDD
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Input Voltage
“0” Level
(VO = 4.5 or 0.5 Vdc)
(VO = 9.0 or 1.0 Vdc)
(VO = 13.5 or 1.5 Vdc)
VIL
5.0
10
15
1.5
3.0
4.0
2.25
4.50
6.75
1.5
3.0
4.0
1.5
3.0
4.0
Vdc
“1” Level
(VO = 0.5 or 4.5 Vdc)
(VO = 1.0 or 9.0 Vdc)
(VO = 1.5 or 13.5 Vdc)
VIH
5.0
10
15
3.5
7.0
11
3.5
7.0
11
2.75
5.50
8.25
3.5
7.0
11
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 0.5 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
IOH
5.0
5.0
10
10
15
–3.0
–0.64
–1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–10.1
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 9.5 Vdc)
(VOL = 1.5 Vdc)
IOL
5.0
10
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
10.1
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
Cin
5.0
7.5
pF
Quiescent Current (Per Package)
Vin = 0 or VDD,
Iout = 0 mA
IDD
5.0
10
15
5.0
10
20
0.005
0.010
0.015
5.0
10
20
150
300
600
mAdc
Total Supply Current (Note 4, 5)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.6 mA/kHz) f + IDD
IT = (3.1 mA/kHz) f + IDD
IT = (4.7 mA/kHz) f + IDD
mAdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Noise immunity specified for worst−case input combination.
Noise Margin for both “1” and “0” level
= 1.0 V min @ VDD = 5.0 V
= 2.0 V min @ VDD = 10 V
= 2.5 V min @ VDD = 15 V
4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + 3.5 x 10−3 (CL − 50) VDDf where: IT is in mA (per package),
CL in pF, VDD in V, and f in kHz is input frequency.
5. The formulas given are for the typical characteristics only at 25
_C.


Similar Part No. - NLV14543BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV14541BDG ONSEMI-NLV14541BDG Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
NLV14541BDR2G ONSEMI-NLV14541BDR2G Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
NLV14541BDTR2G ONSEMI-NLV14541BDTR2G Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
More results

Similar Description - NLV14543BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14543B ONSEMI-MC14543B Datasheet
201Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver for Liquid Crystals
March, 2000 ??Rev. 3
MC14543B ONSEMI-MC14543B_06 Datasheet
112Kb / 8P
   BCD?뭪o?뭆even Segment Latch/Decoder/Driver for Liquid Crystals
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD14511B HITACHI-HD14511B Datasheet
98Kb / 6P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4543P RENESAS-HD74HC4543P Datasheet
118Kb / 9P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511_18 Datasheet
236Kb / 8P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
STMicroelectronics
HCF4511B STMICROELECTRONICS-HCF4511B Datasheet
498Kb / 13P
   BCD TO SEVEN SEGMENT LATCH/DECODER/DRIVER
logo
Hitachi Semiconductor
HD74HC4543 HITACHI-HD74HC4543 Datasheet
68Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Renesas Technology Corp
HD74HC4511 RENESAS-HD74HC4511 Datasheet
107Kb / 8P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Toshiba Semiconductor
TC4511BP TOSHIBA-TC4511BP_07 Datasheet
401Kb / 10P
   BCD-to-Seven Segment Latch/Decoder/Driver
logo
Unisonic Technologies
MC14511 UTC-MC14511 Datasheet
145Kb / 9P
   BCD-TO-SEVEN SEGMENT LATCH/DECODER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com