Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO7407 Datasheet(PDF) 1 Page - Alpha Industries

Part # AO7407
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AO7407 Datasheet(HTML) 1 Page - Alpha Industries

  AO7407 Datasheet HTML 1Page - Alpha Industries AO7407 Datasheet HTML 2Page - Alpha Industries AO7407 Datasheet HTML 3Page - Alpha Industries AO7407 Datasheet HTML 4Page - Alpha Industries AO7407 Datasheet HTML 5Page - Alpha Industries AO7407 Datasheet HTML 6Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
300
360
350
425
RθJL
280
320
Junction and Storage Temperature Range
A
PD
°C
0.35
0.22
-55 to 150
TA=70°C
ID
-1.2
-1.0
-10
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Continuous Drain
Current
A
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±8
Gate-Source Voltage
Drain-Source Voltage
-20
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
AO7407
P-Channel Enhancement Mode Field Effect Transistor
May 2003
Features
VDS (V) = -20V
ID = -1.2 A
RDS(ON) < 135mΩ (VGS = -4.5V)
RDS(ON) < 170mΩ (VGS = -2.5V)
RDS(ON) < 220mΩ (VGS = -1.8V)
General Description
The AO7407 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 1.8V. This
device is suitable for use as a load switch or in PWM
applications.
S
G
D
SC-70
SOT 323
Top View
G
D
S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AO7407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7407 AOSMD-AO7407 Datasheet
351Kb / 5P
   20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7407 VBSEMI-AO7407 Datasheet
1,018Kb / 9P
   P-Channel 20 V (D-S) MOSFET
More results

Similar Description - AO7407

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com