Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH15-20B05MU Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LH15-20B05MU
Description  Output short circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-20B05MU Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LH15-20B05MU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-20B05MU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-20B05MU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-20B05MU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-20B05MU Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC/DC Converter
LH15-20BxxMU Series
2016.09.13-A/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
110%Io self-recovery
Over-voltage Protection
5VDC Output
7.5VDC
12 /15VDC Output
20VDC
18VDC Output
25VDC
24VDC Output
30VDC
Min. Load
0
--
--
%
Hold-up Time
115VAC input
--
15
--
ms
230VAC input
--
80
--
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min Leakage current≦5mA
4000
--
--
VAC
Operating Temperature
-40
--
+70
°C
Storage Temperature
-40
--
+85
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260 ± 5℃; time: 5 - 10s
Manual-welding
360 ± 10℃; time: 3 - 5s
Switching Frequency
65
kHz
Power Derating
-40℃ to -25℃
3.3
--
--
%/°C
+55℃ to +70℃
3.3
--
--
Safety Standard
EN60601-1, ANSI/AAMI ES60601-1,
CAN/CSA-C22.2 No. 60601-1
Safety Certification
EN60601-1, ANSI/AAMI ES60601-1,
CAN/CSA-C22.2 No. 60601-1(Pending)
Safety Class
CLASSⅡ
Insulation Level
First side-Second side
2xMOPP
MTBF
MIL-HDBK-217F@25°C≥ 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94 V-0)
Dimension
Horizontal package
62.00*45.00* 22.50mm
A2 chassis mounting
96.10*54.00*31.00mm
A4 Din-Rail mounting
96.10*54.00*35.60 mm
Weight
Horizontal package
85g (Typ.)
A2 chassis mounting
135g (Typ.)
A4 Din-Rail mounting
175g (Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
CE
EN55011(CISPR11) / EN55022(CISPR22) CLASS B
RE
EN55011(CISPR11) / EN55022(CISPR22) CLASS B
EMS
ESD
IEC/EN61000-4-2
Contact ±6KV/Air ±8KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
line to line ±1KV
perf. Criteria B
IEC/EN61000-4-5
line to line ±2KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
Voltage dips, short
interruptions and voltage
variations immunity
IEC/EN61000-4-11
0%,70%
perf. Criteria B


Similar Part No. - LH15-20B05MU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A15 MORNSUN-LH15-10A15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH15-20B05MU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Delta Electronics, Inc.
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
Linear Technology
LT3954EUHE LINER-LT3954EUHE Datasheet
425Kb / 24P
   Output Short-Circuit Protected Boost
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com