Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH15-20B24MU Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH15-20B24MU
Description  Output short circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-20B24MU Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH15-20B24MU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AC/DC Converter
LH15-20BxxMU Series
2016.09.13-A/0
Page 4 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Element model
Recommended value
MOV1
S14K300
CY1 , CY2
1nF/400VAC
CX
0.1μF/275VAC
LCM
10mH, recommended to use MORNSUN’s FL2D-Z5-103
LDM
4.7μH/2A
FC-LX1D
2KV/4KV EMC filter
FUSE
2A/250V slow fusing, necessary
3. For more information Please find the application note on www.mornsun-power.com
Dimensions and Recommended Layout
A2 Dimensions


Similar Part No. - LH15-20B24MU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A15 MORNSUN-LH15-10A15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH15-20B24MU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Delta Electronics, Inc.
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
Linear Technology
LT3954EUHE LINER-LT3954EUHE Datasheet
425Kb / 24P
   Output Short-Circuit Protected Boost
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com